Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 140Page - National Semiconductor (TI) DP8344 Datasheet HTML 141Page - National Semiconductor (TI) DP8344 Datasheet HTML 142Page - National Semiconductor (TI) DP8344 Datasheet HTML 143Page - National Semiconductor (TI) DP8344 Datasheet HTML 144Page - National Semiconductor (TI) DP8344 Datasheet HTML 145Page - National Semiconductor (TI) DP8344 Datasheet HTML 146Page - National Semiconductor (TI) DP8344 Datasheet HTML 147Page - National Semiconductor (TI) DP8344 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 184 page
background image
60 Reference Section (Continued)
LCALL
Conditional Long Call
Syntax
LCALL
Rs p s nn
register absolute
Affected Flags
None
Description
If the bit in position p of register Rs is equal to the bit s then
push the Program Counter the ALU flags the Global Inter-
rupt Enable bit GIE
and the current register bank selec-
tions onto the internal Address Stack Following the push
transfer control to the instruction at the absolute memory
address nn The operand Rs may specify any active CPU
register The value of p may be from 0 to 7 where 0 corre-
sponds to the LSB of Rs and 7 corresponds to the MSB of
Rs The absolute value nn is 16 bits long (range 0 to 64k)
therefore all of instruction memory can be addressed
Example
Call the ‘‘LoadXmit’’ subroutine when the Transmitter FIFO
Empty flag
TFE
of the Network Command Flag register
NCF is ‘‘1’’
EXX
00
select main A alt B
LCALL NCF71 LoadXmit
If TFE e1 call
Instruction Format
1000111
Opcode
s
p
Rs
15
8
7
4
0
nn
15
0
T-states
(2 a 2)
Bus Timing
Figure 6-3
Operation
If Rs p e s then
PC
GIE
ALU flags
register bank selections
x Address Stack
nn
xPC
End if
LCALL
Unconditional Long Call
Syntax
LCALL
nn
absolute
Affected Flags
None
Description
Pushes the Program Counter the ALU flags the Global In-
terrupt Enable bit GIE and the current register bank selec-
tions onto the internal Address Stack then unconditionally
transfers control to the instruction at the absolute memory
address nn The value of nn is 16 bits long (range 0 to
64k) therefore all of instruction memory can be addressed
Example
Transfer control to the subroutine ‘‘Senditall’’ which could
be located anywhere in instruction memory
LCALL
Senditall
Instruction Format
1100111010000000
Opcode
15
0
nn
15
0
T-states
(2 a 2)
Bus Timing
Figure 6-3
Operation
PC
GIE
ALU flags
register bank selections
x Address Stack
nn
xPC
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com