Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 143Page - National Semiconductor (TI) DP8344 Datasheet HTML 144Page - National Semiconductor (TI) DP8344 Datasheet HTML 145Page - National Semiconductor (TI) DP8344 Datasheet HTML 146Page - National Semiconductor (TI) DP8344 Datasheet HTML 147Page - National Semiconductor (TI) DP8344 Datasheet HTML 148Page - National Semiconductor (TI) DP8344 Datasheet HTML 149Page - National Semiconductor (TI) DP8344 Datasheet HTML 150Page - National Semiconductor (TI) DP8344 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 184 page
background image
60 Reference Section (Continued)
MOVE
Move Immediate
Syntax
MOVE
n rd
immediate limited register
MOVE
n
Ir
immediate indexed
Affected Flags
None
Description
Moves the immediate value n into the destination specified
The destination may be either a register rd (limited to the
active registers R0 – R15) or data memory via an index reg-
ister Ir The value n is 8 bits wide
Example
Load the current accumulator with the value of 4
MOVE
4 A
Load accumulator
Instruction Format
MOVE
n rd
1011
Opcode
n
rd
15
11
3
0
MOVE
n
Ir
100010
Opcode
n 7–5
Ir
n 4–0
15
9
6
v
40
00IW
01IX
10IY
11IZ
T-states
MOVE
n rd
2
MOVE
n
Ir
3
Bus Timing
MOVE
n rd
Figure 6-1
MOVE
n
Ir
Figure 6-7
Operation
MOVE
n rd
n
xrd
MOVE
n
Ir
n
xdata memory
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com