Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 145Page - National Semiconductor (TI) DP8344 Datasheet HTML 146Page - National Semiconductor (TI) DP8344 Datasheet HTML 147Page - National Semiconductor (TI) DP8344 Datasheet HTML 148Page - National Semiconductor (TI) DP8344 Datasheet HTML 149Page - National Semiconductor (TI) DP8344 Datasheet HTML 150Page - National Semiconductor (TI) DP8344 Datasheet HTML 151Page - National Semiconductor (TI) DP8344 Datasheet HTML 152Page - National Semiconductor (TI) DP8344 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 184 page
background image
60 Reference Section (Continued)
OR
OR Immediate
Syntax
OR
n rsd
immediate limited register
Affected Flags
N Z
Description
Logically ORs the immediate value n to the register rsd and
places the result back into the register rsd Note that only
the active registers R0 – R15 may be specified for rsd The
value of n is 8 bits wide
Example
Mask both the Transmitter and Receiver interrupts via the
Interrupt Control Register ICR
R2 Leave the other inter-
rupts unaffected
EXX
00
select main reg banks
OR
00000011B ICR
mask transmitter and
receiver interrupts
Instruction Format
0101
Opcode
n
rsd
15
11
3
0
T-states
2
Bus Timing
Figure 6-1
Operation
rsd
OR
n
xrsd
ORA
OR with Accumulator
Syntax
ORA
Rs Rd
register register
ORA
Rs
mIr
register indexed
Affected Flags
N Z
Description
Logically ORs the source register Rs to the active accumu-
lator and places the result into the destination specified
The destination may be either a register Rd or data memo-
ry via an index register mode
mIr
Note that register bank
selection determines which accumulator is active
Example
Write an 11-bit word to the Transmitter’s FIFO This exam-
ple assumes that the index register IZ points to the location
of the data in memory
TCRsettings
EQU
00101000B
EXX
11
select main A alt B
MOVE
TCRsettingsA
load accumulator wmask
MOVE
IZa R20
load bits 8 9
10
ORA
R20TCR
write bits 8 9 10 to TCR
MOVE
IZa RTR
push 11-bit word to FIFO
Instruction Format
ORA
Rs Rd
111101
Opcode
Rd
Rs
15
9
4
0
ORA
Rs
mIr
TLF9336 – 11
T-states
ORA
Rs Rd
2
ORA
Rs
mIr
3
Bus Timing
ORA
Rs Rd
Figure 6-1
ORA
Rs
mIr
Figure 6-7
Operation
ORA
Rs Rd
Rs
OR
accumulator
xRd
ORA
Rs
mIr
Rs
OR
accumulator
xdata memory
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com