Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 144Page - National Semiconductor (TI) DP8344 Datasheet HTML 145Page - National Semiconductor (TI) DP8344 Datasheet HTML 146Page - National Semiconductor (TI) DP8344 Datasheet HTML 147Page - National Semiconductor (TI) DP8344 Datasheet HTML 148Page - National Semiconductor (TI) DP8344 Datasheet HTML 149Page - National Semiconductor (TI) DP8344 Datasheet HTML 150Page - National Semiconductor (TI) DP8344 Datasheet HTML 151Page - National Semiconductor (TI) DP8344 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 184 page
background image
60 Reference Section (Continued)
MOVE
Move Register
Syntax
MOVE
Rs Rd
register register
MOVE
Rs
mIr
register indexed
MOVE
Rs
IraA
register register-relative
MOVE
rs
IZan
limited register immediate-relative
Affected Flags
None
Description
Moves the contents of the source register into the destina-
tion specified The source register operand Rs may specify
any active CPU register where as the source register oper-
and rs is limited to the active registers R0 – R15 The desti-
nation operand may specify either any active CPU register
Rd or data memory via one of the index register modes
mIr
IraA
IZan
The index register-relative mode
IraA
forms its data memory address by adding the con-
tents of the index register Ir to the unsigned 8-bit value con-
tained in the currently active accumulator The immediate-
relative mode
IZan
forms its data memory address by
adding the contents of the index register IZ to the unsigned
8-bit immediate value n
Example
The first example loads the Transmitter FIFO with a data
byte in register 20
EXX
01
select main A alt B
MOVE
R20 RTR
Load the Transmitter FIFO
The second example ‘‘pushes’’ the current accumulator’s
contents onto an external data stack which is pointed to by
the index register IX
MOVE
A
IXb
push accum to ext stack
The third example demonstrates the random access of a
data byte within a logical record contained in memory The
index register IY contains the base address of the logical
record
ADDA
R9 A
calculate offset into record
MOVE
R20
IYaA
update data byte in record
In the final example the 4th element of an Error Count table
is updated with a new value contained in the current accu-
mulator The index register IZ points to the 1st entry of the
table
MOVE
A
IZa3
update 4th element of table
Instruction Format
MOVE
Rs Rd
111111
Opcode
Rd
Rs
15
9
4
0
MOVE
Rs
mIr
TLF9336 – 10
MOVE
Rs
IraA
110001001
Opcode
Ir
Rs
15
6
v
40
00IW
01IX
10IY
11IZ
MOVE
rs
Zan
0001
Opcode
n
rs
15
11
3
0
T-states
MOVE
Rs Rd
2
MOVE
Rs
mIr
3
MOVE
Rs
IraA
3
MOVE
rs
IZan
3
Bus Timing
MOVE
Rs Rd
Figure 6-1
MOVE
Rs
mIr
Figure 6-6
MOVE
Rs
IraA
Figure 6-6
MOVE
rs
IZan
Figure 6-6
Operation
MOVE
Rs Rd
Rs
xRd
MOVE
Rs
mIr
Rs
xdata memory
MOVE
Rs
IraA
Rs
xdata memory
MOVE
rs
IZan
rs
xdata memory
148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com