Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 28 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 28 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 24Page - Microchip Technology SEC1210 Datasheet HTML 25Page - Microchip Technology SEC1210 Datasheet HTML 26Page - Microchip Technology SEC1210 Datasheet HTML 27Page - Microchip Technology SEC1210 Datasheet HTML 28Page - Microchip Technology SEC1210 Datasheet HTML 29Page - Microchip Technology SEC1210 Datasheet HTML 30Page - Microchip Technology SEC1210 Datasheet HTML 31Page - Microchip Technology SEC1210 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 28
 2013 - 2016 Microchip Technology Inc.
9.1.2
B REGISTER – B
9.1.3
PROGRAM STATUS WORD REGISTER – PSW
The PSW Register contains status bits that reflect the current state of the CPU.
The state of the rs1 and rs0 bits selects the working register bank as outlined in Table 9-5.
TABLE 9-3:
B REGISTER
B
(SFR 0XF0 - RESET=0X00)
B
BIT
NAME
R/W
DESCRIPTION
7:0
B
R/W
Used during multiplying and division instructions. It can also be used
as a scratch-pad register to hold temporary data.
Note:
The parity bit can only be modified by hardware by the state of ACC Register.
TABLE 9-4:
PROGRAM STATUS WORD REGISTER
PSW
(SFR 0XD0 - RESET=0X00)
STACK POINTER
BIT
NAME
R/W
DESCRIPTION
7
cy
R/W
Carry flag:
The carry bit in arithmetic operations and the accumulator for Boolean
operations.
6
ac
R/W
Auxiliary Carry Flag:
Set if there is a carry-out from 3rd bit of the accumulator in BCD
operations.
5
f0
R/W
General Purpose Flag 0:
Available for general use.
4
rs1
R/W
Register Bank Select Control Bit 1:
Used to select the working register bank.
3
rs0
R/W
Register Bank Select Control Bit 0:
Used to select the working register bank.
2
ov
R/W
Overflow Flag:
Set in case of overflow in accumulator during arithmetic operations.
1
f1
R/W
General Purpose Flag 1:
Available for general use.
0
p
R
Parity Flag:
Reflects the number of 1s in the accumulator.
1
: If the accumulator contains an odd number of 1s
0
: If the accumulator contains an even number of 1s
TABLE 9-5:
REGISTER BANK LOCATIONS
rs1
rs0
SELECTED REGISTER BANK
LOCATION
0
0
Bank 0
(00H – 07H)
0
1
Bank 1
(08H – 0FH)
1
0
Bank 2
(10H – 17H)
1
1
Bank 3
(18H – 1FH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com