Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 85 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 85 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 85
SEC1110/SEC1210
10.14.1.2
Protocol Mode Register
The Guard Time reload registers EGT and BGT must be initialized to their desired values before writing to this register.
Changing them afterward may fail to register the change.
All non-reserved bits are read/write. The ATR bit may be set to 1 only if the TE1 bit is also set to 0. Valid settings for these
two bits are:
• ATR Mode: ATR=1 and TE1=0. In this Mode, the Protocol Timers and the Receiver are conditioned to expect an
ATR message from the ICC. Character framing is as per the T=0 protocol. This is the one case where the
Receiver does not wait for the SEC1110 and SEC1210 to transmit first; instead, it waits for a rising edge on the
SCx_RST_N pin, which is being controlled by the Guard Timer.
TABLE 10-38: SMART CARD GUARD ALGORITHM SPACING REGISTER
SC_GSR_LSB
(0X001B- RESET=0X00)
SMART CARD GUARD ALGORITHM SPACING REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
GUARD_ETUS_LSB
R/W
This register holds the LSB of maximum spacing between characters,
specified as the number of etus from the leading edges of consecutive
start bits.
TABLE 10-39: SMART CARD GUARD TIMER RELOAD A REGISTER
SC_EGT
(0X001C- RESET=0X00)
SMART CARD GUARD TIME RELOAD A REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
RELOAD_A
R/W
This register holds the Extra Guard Time value in T=0 or T=1 Mode.
In ATR Mode, this register holds the maximum number of etus
allowed from the rising edge of SCx_RST_N to the start bit of the TS
byte. If the timer elapses, the TSW Interrupt is asserted, and the
Receiver is disabled to the FIFO.
Values are expressed in units of etu.
The SC_PRM Register must be written after writing to this register, in
order to latch the change.
TABLE 10-40: SMART CARD GUARD TIMER RELOAD B REGISTER
SC_BGT
(0X001D- RESET=0X00)
SMART CARD GUARD TIME RELOAD B REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
RELOAD_B
R/W
This register holds the BGT value in T=1 Mode, or the DGT value in
T=0 Mode, preventing transmission until the specified number of etus
has elapsed since the last received character. Monitoring of
characters for this purpose does not depend on whether the Receiver
is enabled to the FIFO. This timer must be enabled, or it will not delay
transmission.
In ATR Mode, this register holds the desired width of the SCx_RST_N
pulse (Warm Reset) or the duration of the clock before the removal of
SCx_RST_N.
Values are expressed in units of etu.
The SC_PRM Register must be written after writing to this register, in
order to latch the change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com