Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 91 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 91 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology SEC1210 Datasheet HTML 90Page - Microchip Technology SEC1210 Datasheet HTML 91Page - Microchip Technology SEC1210 Datasheet HTML 92Page - Microchip Technology SEC1210 Datasheet HTML 93Page - Microchip Technology SEC1210 Datasheet HTML 94Page - Microchip Technology SEC1210 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 91
SEC1110/SEC1210
TABLE 10-54: SMART CARD TEST REGISTER
SC_TEST3
(0X0032 - RESET=0XFF)
SMART CARD TEST REGISTERS
BIT
NAME
R/W
DESCRIPTION
7:0
TEST3[7:0]
R/W
This field defines the number of SC block clock time between the
events
• Reset assertion and clock stop during hardware auto-deactivation
• Clock stop and SCx_VCC switch off signal to smart card pins
TABLE 10-55: SMART CARD TEST REGISTER
SC_TEST4
(0X0033~0033, - RESET=0X00)
SMART CARD TEST REGISTERS
BIT
NAME
R/W
DESCRIPTION
7:0
START_WIDTH_TOL[15:8]
R/W
The start width tolerance is a 16-bit wide register. Bits 1:0 are used
for OEN_EXT, START_BIT_NEG_EDGE also.
TABLE 10-56: SMART CARD TEST DEBOUNCE REGISTER
SC_TEST0
(0X0035, - RESET=0X00)
SMART CARD TEST REGISTERS
BIT
NAME
R/W
DESCRIPTION
7:4
Reserved
R
Always read as 0
3:1
OEN_CLKS
R/W
These 3 bits of FAST_DEBOUNCE[2:0] are reused as OEN_CLKS field.
It indicates the number of internal Smart Card block clocks to extend
OEN for SCx_IO pad. This field is used when OEN_EXT bit is set.
000
: 2 clocks
001
: 2 ~ 4 clocks in SEC1110/SEC1210. 4 clocks in later versions
010
: 4 ~ 8 clocks in SEC1110/SEC1210. 8 clocks in later versions
011
: 8 ~ 16 clocks in SEC1110/SEC1210. 16 clocks in later versions
100
: 16~ 32 clocks in SEC1110/SEC1210. 32 clocks in later versions
101
: 32 ~ 64 clocks in SEC1110/SEC1210. 64 clocks in later versions
0
Reserved
R/W
Must be 0.
TABLE 10-57: SMART CARD FIFO TEST REGISTER
SC_FIFO_TEST
(0X0100~02FF, - RESET=0XXX)
SMART CARD FIFO TEST1
BIT
NAME
R/W
DESCRIPTION
7:0
FIFO_TEST
R/W
The SC_FIFO is memory mapped to the 8051 CPU on the XDATA
bus. Only the first 261 (259 for SEC1110/SEC1210) bytes are valid,
and rest is an alias access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com