Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 38 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 38 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 34Page - Microchip Technology SEC1210 Datasheet HTML 35Page - Microchip Technology SEC1210 Datasheet HTML 36Page - Microchip Technology SEC1210 Datasheet HTML 37Page - Microchip Technology SEC1210 Datasheet HTML 38Page - Microchip Technology SEC1210 Datasheet HTML 39Page - Microchip Technology SEC1210 Datasheet HTML 40Page - Microchip Technology SEC1210 Datasheet HTML 41Page - Microchip Technology SEC1210 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 38
 2013 - 2016 Microchip Technology Inc.
9.1.19
INTERRUPT ENABLE 1 REGISTER – IEN1
1
et0
R/W
Timer 0 Overflow Interrupt Enable:
et0=0 : Timer 0 Overflow Interrupt is disabled.
et0=1 and eal=1 : Timer 0 Overflow Interrupt is enabled.
0
ex0
R/W
External Interrupt 0 Enable (or of all interrupts except GPIOs)
ex0=0 : External Interrupt 0 is disabled.
ex0=1 : and eal=1 External Interrupt 0 is enabled.
TABLE 9-26:
INTERRUPT ENABLE 1 REGISTER
IEN1
(SFR 0XB8 - RESET=0X00)
INTERRUPT ENABLE 1 REGISTER
BIT
NAME
R/W
DESCRIPTION
7
exen2
R/W
Timer 2 External Reload Interrupt Enable:
exen2=0 : Timer 2 External Reload Interrupt 2 is disabled.
exen2=1 and eal=1 : Timer 2 External Reload Interrupt 2 is enabled.
6
swdt
R/W
Watchdog Timer Start/Refresh Flag: set to activate/refresh the
watchdog timer.
When set directly after setting IEN0.wdt, a watchdog timer refresh is
performed. This bit is immediately cleared by hardware.
5
ex6
R/W
External Interrupt 6 Enable (Power Status Event):
ex6=0 : External Interrupt 6 is disabled.
ex6=1 and eal=1 : External Interrupt 6 is enabled.
4
ex5
R/W
External Interrupt 5 Enable (USB):
ex5=0 : External Interrupt 5 is disabled.
ex5=1 and eal=1 : External Interrupt 5 is enabled.
3
ex4
R/W
External Interrupt 4 Enable (Endpoint 4):
ex4=0 : External Interrupt 4 is disabled.
ex4=1 and eal=1 : External Interrupt 4 is enabled.
2
ex3
R/W
External Interrupt 3 Enable (Endpoint 3):
ex3=0 : External Interrupt 3 is disabled.
ex3=1 and eal=1 : External Interrupt 3 is enabled.
1
ex2
R/W
External Interrupt 2 Enable (SPI1):
ex2=0 : External Interrupt 2 is disabled.
ex2=1 and eal=1 : External Interrupt 2 is enabled.
0
ex7
R/W
External Interrupt 7 Enable (Interrupt not connected to any source)
TABLE 9-25:
INTERRUPT ENABLE 0 REGISTER (CONTINUED)
IEN0
(SFR 0XA8 - RESET=0X00)
INTERRUPT ENABLE 0 REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com