Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 64 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 64 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 60Page - Microchip Technology SEC1210 Datasheet HTML 61Page - Microchip Technology SEC1210 Datasheet HTML 62Page - Microchip Technology SEC1210 Datasheet HTML 63Page - Microchip Technology SEC1210 Datasheet HTML 64Page - Microchip Technology SEC1210 Datasheet HTML 65Page - Microchip Technology SEC1210 Datasheet HTML 66Page - Microchip Technology SEC1210 Datasheet HTML 67Page - Microchip Technology SEC1210 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 64
 2013 - 2016 Microchip Technology Inc.
The Guard Spacing Register (GSR) is programmed by software with the expected maximum spacing between received
characters in units of etus, including Extra Guard Time EGT. (This is required in a separate register by the implemen-
tation). The value in the GSR is interpreted as a maximum amount of time allowed from start bit to start bit, and so it
must be at least 12 etus.
As each new character is received within this window, an internal counter (CPT) is decremented once. This counter
restarts, starting from the maximum legal number of characters in a packet (258 for T=0, 259 for T=1) as soon as char-
acters start being received in an exchange, regardless of whether the Receiver remains enabled or not, and regardless
of errors. The CPT counter reloads and stops when no character is received within the GSR window.
If software attempts to transmit while this counter is still active, the transmission is inhibited and held pending. If, how-
ever, while a transmission is pending, the CPT count underflows, then the transmission is abandoned, and the TF error
(Transmit Failure) is posted, which is an interrupt. See Figure 10-12 for this case. Note that, in T=0 Mode, the Incoming
or Outgoing filter remains applied as selected, so that any procedure bytes (NUL, INS, and INS) are not counted.
If there is no such error, then, after the vacant window time has passed, the Transmitter waits for the Designated Guard
Time amount (DGT or BGT) and begins transmitting. See FIGURE 10-13: Guard Time Algorithm, No Error, Transmit
Held on page 65 for this case.
FIGURE 10-12:
GUARD TIME ALGORITHM WITH ERROR, TRANSMIT ABANDONED
. . .
Last
Expected
1st
Unexpected
2nd
Unexpected
Last Legal
1st Illegal
FRE
FTE
LSR bit 5
Error: Transmit attempted and Card has been transmitting too long.
All durations within limit
Interrupt
posted
SCx_IO
Count Violated
Limit = GSR register at offset 0x001B
SW attempts new
exchange, Transmitter waits
SW reads
LSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com