Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 17 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 17 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 13Page - Microchip Technology SEC1210 Datasheet HTML 14Page - Microchip Technology SEC1210 Datasheet HTML 15Page - Microchip Technology SEC1210 Datasheet HTML 16Page - Microchip Technology SEC1210 Datasheet HTML 17Page - Microchip Technology SEC1210 Datasheet HTML 18Page - Microchip Technology SEC1210 Datasheet HTML 19Page - Microchip Technology SEC1210 Datasheet HTML 20Page - Microchip Technology SEC1210 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 17
SEC1110/SEC1210
5
SC1_CLK
Smart Card1 CLK pin
Z
6
SC1_RST_N
Smart Card1 RST_N pin
Z
7
SC1_VCC
Smart Card1 Power supply
output 5.0V/3.3V/1.8V
Note 6-1
Note 6-2
ANALOG
8
SC1_PRSNT_N/JTAG_TMS
GPIO input for Smart Card1
presence detect.
Z
9
TEST
Test mode pin
Z
PD
Note 6-8
Yes
Note 6-6
10
USB_DM
USB D-
Z
11
USB_DP
USB D+
Z
12
VDD33
3.3 V power supply output
Note 6-3
ANALOG
13
JTAG_CLK
JTAG clock pin
Z
PD
Note 6-4
Yes
Note 6-6
14
SC_LED_ACT_N/JTAG_TDO
GPIO output for
Smart Card1 LED
Z
15
JTAG_TDI
JTAG data in pin
Z
PD
Note 6-8
Yes
Note 6-6
16
RESET_N
Reset input
Z
ANALOG
Note 6-5
-
VSS
Package ground
ANALOG
TABLE 6-4:
SEC1210 QFN 24-PIN RESET STATES
Reset State
Pin
Pin Name
Function
Output
PU/PD
Input
1
SC2_RST_N
Smart Card2 RST_N pin
Z
2
SC2_VCC
Smart Card2 power supply
output 5.0V/3.3V/1.8V
Note 6-1
Note 6-2
ANALOG
3
VDD5
5.0 V supply
ANALOG
4
SC1_C8
Smart Card1 C8 pin
Z
5
SC1_C4
Smart Card1 C4 pin
Z
6
SC1_IO
Smart Card1 IO pin
Z
7
SC1_CLK
Smart Card1 CLK pin
Z
8
SC1_RST_N
Smart Card1 RST_N pin
Z
9
SC1_VCC
Smart Card1 Power supply
output 5.0V/3.3V/1.8V
Note 6-1
Note 6-2
ANALOG
10
SC1_PRSNT_N/JTAG_TMS
GPIO input for Smart Card1
presence detect.
Z
11
SPI1_MISO/RXD
GPIO pin for SPI1 data
Z
TABLE 6-3:
SEC1110 QFN 16-PIN RESET STATES
Reset State
Pin
Pin Name
Function
Output
PU/PD
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com