Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 69 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 69 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 65Page - Microchip Technology SEC1210 Datasheet HTML 66Page - Microchip Technology SEC1210 Datasheet HTML 67Page - Microchip Technology SEC1210 Datasheet HTML 68Page - Microchip Technology SEC1210 Datasheet HTML 69Page - Microchip Technology SEC1210 Datasheet HTML 70Page - Microchip Technology SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology SEC1210 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 69
SEC1110/SEC1210
The pads SCx_RST_N, SCx_CLK, SCx_IO, SCx_C4, SCx_C8 are controlled by the SCC block when GPIO[4:0] for
Smart Card1 and GPIO[18:16] for Smart Card2 are in GPIO Auxiliary A Mode. The GPIO5 must also be in Auxiliary A
Mode to support LED functionality for both Smart Cards.
The INF_IDLE_IO_EN, INF_IDLE_IO_VAL bits may be used during Smart card activation and deactivation sequence
to ensure SCx_RST_N, SCx_CLK, SCx_IO, SCx_C4, SCx_C8 pins are low even in the presence of external pull-up
loads.
10.11.1
AUTOMATIC CONTROL OF IDLE CONDITION ON SMART CARD INTERFACE
Smart Card specification requires that the interface signals be held at zero until a card is inserted, power is applied to
the card, and the reset sequence is started. The INF_IDLE_CTL_EN bit works in conjunction with the INTERFACE_EN-
ABLE
bit to do this. When the interface is in the idle state, (INTERFACE_ENABLE=0), pull-downs are enabled, and the
control signals are driven zero. As soon as the interface is enabled, (INTERFACE_ENABLE=1) control of IO pad signals
reverts to the Smart Card Controller (SCC). See figure FIGURE 10-14: on page 66.
The INF_IDLE_CTL_EN bit asserts the pull-down (67 K
) to the Smart Card pads, which may be insufficient to ensure
VOL is met in the presence of external pull-up loads. Hence the GPIO mode must be used during the activation and
deactivation sequence.
10.12 Synchronous Interface Registers
All registers in the Synchronous Interface are byte addressable. This allows the firmware to toggle the output using byte
writes without affecting any other register bits. There are five control lines associated with the interface that are con-
trolled by five identical registers.
Each of the Synchronous Interface registers consists of two bytes, a low address byte and a high address byte.
Note:
In SEC1110/SEC1210 version of the chip, the INF_IDLE_CTL_EN bit asserts the pull-down (67 k
) to the
Smart Card pads, which may be insufficient to ensure Vol is met in the presence of external pull-up loads.
Hence the GPIO mode must be used during the activation and deactivation sequence.
TABLE 10-6:
SMART CARD CURRENT CONTROL REGISTER
PAD_CTL_SC
(0X0081 - RESET=0X00)
PAD CURRENT CONTROL
BIT
NAME
R/W
DESCRIPTION
7:2
Reserved
R
Always read as 0
1:0
SEL
R/W
This register is not used.
TABLE 10-7:
SMART CARD SYNC RST CONTROL REGISTER
SC_SYNC_RST
(0X0091- RESET=0X00)
SMART CARD CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Always read as 0
5INPUT_EN
R/W
1
: Input is enabled
0
: Input is disabled
4
OUTPUT_EN
R/W
1
: Output is enabled
0
: Output is disabled
3
FAST_OPEN_DRAIN
R/W
If this bit is set, and the Mode is Output, the signal is driven low when
the data is 0. When the data transitions to 1, it is actively driven high
for one clock cycle before being tri-stated.
2
OPEN_DRAIN
R/W
If this bit is set, and the Mode is Output, the SCx_RST_N output is
driven open drain; 0 are driven, 1 are tri-stated.
1
PULL_UP_EN
R/W
When set, it enables the pull-up to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com