Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 43 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 43 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 39Page - Microchip Technology SEC1210 Datasheet HTML 40Page - Microchip Technology SEC1210 Datasheet HTML 41Page - Microchip Technology SEC1210 Datasheet HTML 42Page - Microchip Technology SEC1210 Datasheet HTML 43Page - Microchip Technology SEC1210 Datasheet HTML 44Page - Microchip Technology SEC1210 Datasheet HTML 45Page - Microchip Technology SEC1210 Datasheet HTML 46Page - Microchip Technology SEC1210 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 43
SEC1110/SEC1210
The SPSTA Register contains flags to signal data transfer complete, write collision, and inconsistent logic level on
SPI1_CE (Slave select) pin (mode fault error).
9.1.25
SPI1 SERIAL PERIPHERAL CONTROL REGISTER – SPCON
The Serial Peripheral Control Register is used to configure the SPI module. It selects the Master clock rate, selects the
serial clock polarity and phase, enables the SPI1_CE input, and enables/disables the whole SPI1 module.
4
modf
R
Mode Fault Flag:
Set by hardware when the SPI1_CE pin level is in conflict with the
actual mode of the SPI_MS controller (configured as Master while
externally selected as Slave).
Cleared by hardware when the ssn pin is at appropriate level. Can be
also cleared by software by reading the SPSTA Register with modf
set.
3:0
Reserved
R
Always read as 0
TABLE 9-35:
SPI1 SERIAL PERIPHERAL CONTROL REGISTER
SPCON
(SFR 0XE2 - RESET=0X14)
SERIAL PERIPHERAL (SPI1) CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
spr2
R/W
Serial Peripheral Rate 2:
Together with spr[1:0] defines the clock rate in Master Mode.
6
spen
R/W
Serial Peripheral Enable:
When cleared, disables the SPI1 Interface. When set enables the
SPI1 Interface.
5
ssdis
R/W
SS Disable:
When cleared enables the SPI1_CE input. When set disables the
SPI1_CE input.
When ssdis is set, no SPSTA.modf interrupt request will be generated.
4
mstr
R/W
Serial Peripheral Master:
When set configures the SPI1 as a Master.
3
cpol
R/W
Clock Polarity:
When cleared, the SPI1_CLK is set to 0 in idle state. When set, the
SPI1_CLK is set to 1 in idle state.
2
cpha
R/W
Clock Phase:
When cleared, data is sampled when the SPI1_CLK leaves the idle
state (see SPCON.cpol). When set, data is sampled when the
SPI1_CLK returns to idle state (see SPCON.cpol).
1:0
spr[1:0]
R/W
Serial Peripheral Rate:
Together with spr2 specify the serial clock rate in Master Mode.
TABLE 9-34:
SPI1 SERIAL PERIPHERAL STATUS REGISTER
SPSTA
(SFR 0XE1 - RESET=0X00)
SERIAL PERIPHERAL (SPI1) STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com