Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 84 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 84 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 80Page - Microchip Technology SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 84
 2013 - 2016 Microchip Technology Inc.
The Timeout Reload Register is a 24-bit register (SC_TOH, SC_TOM, SC_TOL) with unit resolution of 1.25 ms.
TABLE 10-32: SMART CARD TIMEOUT TIMER HIGH SIGNIFICANT BYTE (HSB) RELOAD
REGISTER
SC_TOH
(0X0013- RESET=0X00)
SMART CARD TIMEOUT TIMER HSB RELOAD REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
TIMER_RELOAD_HI
R/W
This register holds the HSB of the reload value for the Timeout Timer.
TABLE 10-33: SMART CARD DOWN COUNTER LSB REGISTER
SC_DCL
(0X0016- RESET=0XFF)
SMART CARD DOWN COUNTER LSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
DOWN_CNT_LO
R/W
This register holds the LSB of the General Purpose Down Counter.
TABLE 10-34: SMART CARD DOWN COUNTER MSB RELOAD REGISTER
SC_DCM
(0X0017- RESET=0XFF)
SMART CARD DOWN COUNTER MSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
DOWN_CNT_HI
R/W
This register holds the MSB of the General Purpose Down Counter.
TABLE 10-35: SMART CARD CWT TIMER LSB RELOAD REGISTER
SC_CWTL
(0X0018- RESET=0X00)
SMART CARD CWT TIMER LSB RELOAD REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
TIMER_RELOAD_LO
R/W
This register holds the LSB of the reload value for the CWT Timer.
TABLE 10-36: SMART CARD CWT TIMER MSB RELOAD REGISTER
SC_CWTM
(0X0019- RESET=0X00)
SMART CARD CWT TIMER MSB RELOAD REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
TIMER_RELOAD_HI
R/W
This register holds the MSB of the reload value for the CWT Timer.
TABLE 10-37: SMART CARD GUARD ALGORITHM SPACING REGISTER
SC_GSR_MSB
(0X001B- RESET=0X00)
SMART CARD GUARD ALGORITHM SPACING REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
GUARD_ETUS_MSB
R/W
This register holds the MSB of maximum spacing between characters,
specified as the number of etus from the leading edges of consecutive
start bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com