| Electronic Components Datasheet Search |
|
SEC1210 Datasheet(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SEC1210 Datasheet(HTML) 32 Page - Microchip Technology |
|
32 / 218 page ![]() SEC1110/SEC1210 DS00001561C-page 32 2013 - 2016 Microchip Technology Inc. 9.1.10 TIMER/COUNTER CONTROL REGISTER – TCON The TCON Register reflects the current status of R8051XC2 Timer 0 and Timer 1 and it is used to control operation of these modules. The tf0, tf1 (Timer 0 and Timer 1 overflow flags), ie0 and ie1 (External Interrupt 0 and 1 flags) will be automatically cleared by hardware when the corresponding service routine is called. TABLE 9-13: TIMER/COUNTER CONTROL REGISTER TCON (SFR 0X88 - RESET=0X00) TIMER/COUNTER CONTROL REGISTER BIT NAME R/W DESCRIPTION 7 tf1 R/W Timer 1 Overflow Flag: Set by hardware when Timer 1 overflows. This flag can be cleared by software and is automatically cleared when an interrupt is processed. 6 tr1 R/W Timer 1 Run Control: If cleared, Timer 1 stops. 5 tf0 R/W Timer 0 Overflow Flag: Set by hardware when Timer 0 overflows. This flag can be cleared by software and is automatically cleared when an interrupt is processed. 4 tr0 R/W Timer 0 Run Control: If cleared, Timer 0 stops. 3 ie1 R/W External Interrupt 1 Flag: Set by hardware when an external interrupt int1 (edge/level, depending on settings) is observed. It is cleared by hardware when an interrupt is processed. 2 it1 R/W External Interrupt 1 Type Control: If set, External Interrupt 1 is activated at falling edge on input pin. If cleared, External Interrupt 1 is activated at low level on input pin. 1 ie0 R/W External Interrupt 0 Flag: Set by hardware when an external interrupt int0 (edge/level, depending on settings) is observed. Cleared by hardware when interrupt is processed. 0 it0 R/W External Interrupt 0 Type Control: If set, External Interrupt 0 is activated at falling edge on input pin. If cleared, External Interrupt 0 is activated at low level on input pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |