Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 74 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 74 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 70Page - Microchip Technology SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology SEC1210 Datasheet HTML 73Page - Microchip Technology SEC1210 Datasheet HTML 74Page - Microchip Technology SEC1210 Datasheet HTML 75Page - Microchip Technology SEC1210 Datasheet HTML 76Page - Microchip Technology SEC1210 Datasheet HTML 77Page - Microchip Technology SEC1210 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 74
 2013 - 2016 Microchip Technology Inc.
10.13 Power
The Smart Card block is enabled when the SC1_CLK_EN (or SC2_CLKEN) is turned on in the SC1_CLK_DIV (or SC2_-
CLK_DIV) Register.
10.14 Asynchronous Interface Registers
The SEC1110 and SEC1210 have Smart Card Interfaces based on the ISO/IEC 7816 Standard.
10.14.1
ASYNCHRONOUS MODE REGISTERS
TABLE 10-13: SMART CARD TRANSMIT/RECEIVE BUFFER REGISTER
SC_TBR_RBR
(0X0000- RESET=0XXX)
SMART CARD TRANSMIT/RECEIVE BUFFER REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
DATA
R/W
Writing to this register causes the byte to be written to the FIFO, and
an internal count is incremented for determining the length of the
message to be transmitted. Writing too much information will cause
the message to be silently truncated to the length of the FIFO.
Reading from this register causes a byte to be read from the FIFO.
This decrements the FIFO Count Register. If the FIFO Count Register
is already zero, this causes the UE bit in the Line Status Register to
be set to 1, and the Receiver is disabled from writing to the FIFO.
TABLE 10-14: SMART CARD INTERRUPT ENABLE REGISTER
SC_IEN
(0X0001- RESET=0X00)
SMART CARD INTERRUPT ENABLE REGISTER
BIT
NAME
R/W
DESCRIPTION
7PRTI
R/W
1
: Enables the Protocol and Timer Interrupt. The sources of this
interrupt are itemized in register PRIP.
6
AUTO_DA_PWR_OFF
R/W
For the SEC1110 and SEC1210 A0 version, this bit is not used.
In the SEC1110 and SEC1210 A1 version onwards, the behavior is as
follows:
When this bit is set to 1, it indicates that SCx_VCC power is turned
off automatically during auto-deactivation. Auto-deactivation occurs
when a Smart Card is removed (SCx_PRSNT_N goes high), or the
APDE
bit is set and a non-recoverable parity error is encountered.
This bit must not be set to 1 in SEC1110 and SEC1210 A1 version,
for Class A, Class B modes.
When this bit is set to 0 (default), it indicates that the hardware will
go through the auto-deactivation sequence of driving RST, CLK, and
IO lines low, but not power down SCx_VCC. An interrupt is raised
when auto-deactivation occurs and software must follow the power
down sequence. The interrupt source is from the GPIO (Card remove)
due to the RLSI (non-recoverable parity error).
5
GPI
R/W
Set to 0. Do not use for SEC1110 and SEC1210.
4
PTI
R/W
Set to 0. Do not use for SEC1110 and SEC1210.
3
Reserved
R/W
Always write 0
2RLSI
R/W
1
: Enables an interrupt on Line Status errors: Parity, Framing,
Overflow or Underflow.
1
THRRI
R/W
1
: Enables an interrupt when the Transmitter has finished
transmission of a message, including the minimum Guard Time (stop
bits).
0RDAI
R/W
1
: Enables an interrupt when FIFO data is available to read, either
by the threshold value or by any data at all in the FIFO after a timeout
condition (e.g., the CWT Timer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com