Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 89 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 89 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology SEC1210 Datasheet HTML 90Page - Microchip Technology SEC1210 Datasheet HTML 91Page - Microchip Technology SEC1210 Datasheet HTML 92Page - Microchip Technology SEC1210 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 89
SEC1110/SEC1210
10.14.1.4
FIFO Count Registers
This register pair holds the number of bytes currently in the FIFO.
While setting up for transmission, and during transmission, this register tracks bytes being transmitted. If there is an
error in transmission, the Transmitter stops and this register holds the number of bytes remaining in the FIFO. In case
of a transmission error, the FIFO must be reset using the FRST bit in the FCR Register. This action will also clear these
registers to zero. During transmission (i.e., while the Receiver is not active), the value in these registers is not compared
against the Threshold value in the FTHL/FTHM register pair.
While the Receiver is active, this register pair also tracks the number of bytes in the FIFO, and this value is compared
against the FIFO Threshold in the FTHL/FTHM register pair in order to provide the FIFO Threshold Interrupt.
To determine whether an error happened during the Transmit or Receive phase of an exchange (and hence which count
is being displayed in this register), software may inspect the ETR bit in the Line Status Register.
TABLE 10-47: SMART CARD FIFO THRESHOLD MSB REGISTER
SC_FTHM
(0X0029- RESET=0X00)
SMART CARD FIFO THRESHOLD MSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
FIFO_THRESHOLD_HI
R/W
This register hold the MSB FIFO threshold for received bytes.
TABLE 10-48: SMART CARD FIFO COUNT LSB REGISTER
SC_FCL
(0X002A- RESET=0X00)
SMART CARD FIFO COUNT LSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
FIFO_COUNT_LO
R/W
This register holds the LSB of the FIFO count in bytes.
TABLE 10-49: SMART CARD FIFO COUNT MSB REGISTER
SC_FCM
(0X002B- RESET=0X00)
SMART CARD FIFO COUNT MSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
FIFO_COUNT_HI
R/W
This register holds the MSB of the FIFO count in bytes.
TABLE 10-50: SMART CARD FILTER LENGTH REGISTER
SC_FLL
(0X002C- RESET=0X00)
SMART CARD FILTER LENGTH REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
FILTER_LEN
R/W
This register holds the number of expected data bytes in a T=0
exchange, for the sake of the T=0 filter state machines.
This register is decremented as needed by the outgoing filter state
machine. An initial value of 00h, when the outgoing filter is activated,
is interpreted as 256. An initial value of 00h, when the incoming filter
is activated, is interpreted as 0. Any T=0 command that does not
involve a data transfer will use the incoming filter with an initial count
of 00h. This register returns the least-significant 8 bits of the current
count value when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com