Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 16 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 12Page - Microchip Technology SEC1210 Datasheet HTML 13Page - Microchip Technology SEC1210 Datasheet HTML 14Page - Microchip Technology SEC1210 Datasheet HTML 15Page - Microchip Technology SEC1210 Datasheet HTML 16Page - Microchip Technology SEC1210 Datasheet HTML 17Page - Microchip Technology SEC1210 Datasheet HTML 18Page - Microchip Technology SEC1210 Datasheet HTML 19Page - Microchip Technology SEC1210 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 16
 2013 - 2016 Microchip Technology Inc.
6.0
PIN RESET STATES
TABLE 6-1:
PIN RESET STATES
TABLE 6-2:
LEGEND FOR PIN RESET STATES TABLE
Symbol
Description
Y
Hardware enables function
0
Output low
1
Output high
--
Hardware disables function
Z
Hardware disables output driver (high impedance)
PU
Hardware enables pull-up
PD
Hardware enables pull-down
HW
Hardware controls function, but state is protocol dependent
(FW)
Firmware controls function through registers
VDD
Hardware supplies power through pin, applicable only to
CARD_PWR pins
none
Hardware disables pad
TABLE 6-3:
SEC1110 QFN 16-PIN RESET STATES
Reset State
Pin
Pin Name
Function
Output
PU/PD
Input
1
VDD5
5.0 V supply
ANALOG
2
SC1_C8
Smart Card1 C8 pin
Z
3
SC1_C4
Smart Card1 C4 pin
Z
4
SC1_IO
Smart Card1 IO pin
Z
Voltage
Signal (V)
Time (t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD5
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com