Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 7 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 3Page - Microchip Technology SEC1210 Datasheet HTML 4Page - Microchip Technology SEC1210 Datasheet HTML 5Page - Microchip Technology SEC1210 Datasheet HTML 6Page - Microchip Technology SEC1210 Datasheet HTML 7Page - Microchip Technology SEC1210 Datasheet HTML 8Page - Microchip Technology SEC1210 Datasheet HTML 9Page - Microchip Technology SEC1210 Datasheet HTML 10Page - Microchip Technology SEC1210 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 7
SEC1110/SEC1210
2.0
BLOCK DIAGRAMS
FIGURE 2-1:
SEC1110 BLOCK DIAGRAM
3.0 V - 5.5 V or VBUS
Smart
Card
Regulators
5.0 V
3.0 V
1.8 V
16
KB
OTP
ROM
1.5
KB
RAM
USB
PHY
CLK_PWR
USB
Device
Controller
ISO7816 /
Smart
Card
Interface
Smart
Card
Power
Control
Power On Reset
Power Fail Detect
Reset
8051
CPU
256 x 8
RAM
On Chip
Debug
JTAG
Timer 0
Timer 1
Watchdog
Timer
External
Interrupts
CPU Clock
Management
CPU Power
Management
USB/GPIO/Core
Regulators
3.3 V
1.2 V
4
XDATA
48 MHz
Oscillator
GPIO
Smart Card 1
7 pins
Miscellaneous
D+
D-
VDD33
1
1
1
4
6
6
2
4/16
KB
ROM
Timer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com