Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 30 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 30 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 26Page - Microchip Technology SEC1210 Datasheet HTML 27Page - Microchip Technology SEC1210 Datasheet HTML 28Page - Microchip Technology SEC1210 Datasheet HTML 29Page - Microchip Technology SEC1210 Datasheet HTML 30Page - Microchip Technology SEC1210 Datasheet HTML 31Page - Microchip Technology SEC1210 Datasheet HTML 32Page - Microchip Technology SEC1210 Datasheet HTML 33Page - Microchip Technology SEC1210 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 30
 2013 - 2016 Microchip Technology Inc.
9.1.6
DATA POINTER SELECT REGISTER – DPS
The R8051XC2 contains up to two data pointer registers. Each of these registers can be used as 16-bit address source
for indirect addressing. The DPS Register serves for selecting the active data pointer register.
9.1.7
DATA POINTER CONTROL REGISTER – DPC
The R8051XC2 contains an optional DPTR-related arithmetic unit. It provides auto-increment/auto-decrement by 1 or
2, and auto-switching between active DPTRs. These functions are controlled by the DPC Register, where there are sep-
arate DPC register bits for each DPTR, to provide high flexibility in data transfers. The DPC Register address 0x93
points to the window where the actual dpc is selected using the DPS Register, same as for the DPTR.
TABLE 9-9:
DATA POINTER SELECT REGISTER
DPS
(SFR 0X92 - RESET=0X00)
DATA POINTER SELECT REGISTER
BIT
NAME
R/W
DESCRIPTION
7:1
Reserved
R
Always read as 0
0
dpsel0
R/W
Data Pointer Register Select:
0
: Data pointer 0 selected
1
: Data pointer 1 selected
TABLE 9-10:
DATA POINTER CONTROL REGISTER
DPC
(SFR 0X93 - RESET=0X00)
DATA POINTER CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Always read as 0
5:4
dpc[5:4]
R/W
Not used
3
dpc.3
R/W
Next Data Pointer Selection:
The contents of this field is loaded to the DPS Register bit 0 after
each MOVX @DPTR instruction.
Note:
This feature is not always enabled. Therefore, for each of
the DPS registers this field has to contain a different value
pointing to itself so that the auto-switching does not occur
with default (reset) values.
2
dpc.2
R/W
Auto-Modification Size:
When 0, the current DPTR is automatically modified by 1 after each
MOVX @DPTR instruction when dps.0=1. When 1, the current DPTR
is automatically modified by 2 after each MOVX @DPTR instruction
when dps.0=1.
1
dps.1
R/W
Auto-Modification Direction:
When 0, the current DPTR is automatically incremented after each
MOVX @DPTR instruction when dps.0=1. When 1, the current DPTR
is automatically decremented after each MOVX @DPTR instruction
when dps.0=1.
0
dps.0
R/W
Auto-Modification Enable:
When set, enables auto-modification of the current DPTR after each
MOVX @DPTR instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com