Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 75 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 75 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology SEC1210 Datasheet HTML 73Page - Microchip Technology SEC1210 Datasheet HTML 74Page - Microchip Technology SEC1210 Datasheet HTML 75Page - Microchip Technology SEC1210 Datasheet HTML 76Page - Microchip Technology SEC1210 Datasheet HTML 77Page - Microchip Technology SEC1210 Datasheet HTML 78Page - Microchip Technology SEC1210 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 75
SEC1110/SEC1210
10.14.1.1
Interrupt Identification
By accessing this register, the host CPU can determine the highest priority interrupt and its source. Four levels of priority
interrupt exist with a descending order of priority as follows:
1.
Receiver line status (highest priority)
2.
Received data ready
3.
Transmitter holding register empty or threshold has been reached
4.
Protocol/Timer Interrupt
Information indicating that a prioritized interrupt is pending and the source of that interrupt is stored in the SC Interrupt
Identification Register (refer to interrupt control table). When the CPU accesses the IIR, the Smart Card Interface
freezes all interrupts and indicates the highest priority pending interrupt to the CPU. During this CPU access, even if the
Smart Card Interface records new interrupts, the current indication does not change until either the interrupt is re-
enabled or the event causing the interrupt is cleared and re-asserted. The contents of the SC_IIR are described below.
Note:
The traditional UART FIFO Control Register functions are no longer in a write-only register at this address.
Instead, the FCR Register is a read/write register at location offset 0x0012, and the Threshold is in a
separate pair of registers.
Note:
Interrupts are re-enabled by writing a 1 to the interrupt enable bit. This bit does not need to be cleared to
re-enable interrupts.
TABLE 10-15: SMART CARD INTERRUPT IDENTIFICATION REGISTER
SC_INT_ID
(0X0002- RESET=0B00XX00XX1)
SMART CARD INTERRUPT IDENTIFICATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7PRTI
R/W
1
: Indicates the presence of a Protocol or Timer Interrupt. The
sources of this interrupt are itemized in register PRIP, and are cleared
by reading that register.
6
AUTO_DA_PWR_OFF
R/W
This bit is not used in the SEC1110/SEC1210 version.
In SEC1110/SEC1210 version onwards, the behavior is as follows:
This bit is set to 1 if the SC_IEN.AUTO_DA_PWR_OFF bit is set, and an
auto-deactivation event occurred.
This bit is cleared when both the SC_INTF_MON.CRMV bit and
SC_LCR.APDE
bits are cleared by software.
5
GPI
R/W
Do not use, SC_IEN to keep disabled
4
PTI
R/W
Do not use, SC_IEN to keep disabled
3
FTO
R/W
FIFO Timeout:
1
: Indicates a FIFO Data Timeout caused by the CWT Timer, or by
the Timeout Timer in T=0 Mode, rather than the amount of received
data reaching the Threshold value. It also indicates that the Receiver
will be delivering no more data bytes to the FIFO.
This bit is not an interrupt source, but is instead a status bit, which
should be examined when processing the RDAI Interrupt. This bit is
cleared by emptying or resetting the FIFO.
2:1
PRI
R/W
If the IP bit in this register is 0 (active), then this field holds the source
of the interrupt
0IP
R/W
0
: Indicates that an interrupt is pending, and that the PRI field of this
register indicates the highest priority level pending.
1
: Indicates that no interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com