Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 79 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 79 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 75Page - Microchip Technology SEC1210 Datasheet HTML 76Page - Microchip Technology SEC1210 Datasheet HTML 77Page - Microchip Technology SEC1210 Datasheet HTML 78Page - Microchip Technology SEC1210 Datasheet HTML 79Page - Microchip Technology SEC1210 Datasheet HTML 80Page - Microchip Technology SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 79
SEC1110/SEC1210
TABLE 10-21: SMART CARD INTERFACE CONTROL REGISTER
SC_ICR
(0X0007- RESET=0B00001000)
SMART CARD INTERFACE CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7RST_N
R/W
SCx_RST_N Pin Control:
The default value (0) holds the SC_RST_N pin low. A 1 in this bit
causes the SCx_RST_N pin to drive high. This bit may be written to 1
or 0 by software, and the first underflow of the Guard Timer, while the
Protocol Mode Register is indicating ATR Mode, sets this bit to 1, and
causes the SC_RST_N pin to rise as part of the Reset/ATR sequence.
6
ENG
R/W
Enable Guard Timer:
Writing 1 enables the Guard Timer to begin counting at the next
triggering event. Writing 0 has no effect: to clear this bit, write 1 to the
RSG
bit in the Timer Control Register. This bit is cleared by hardware
in ATR Mode when the first start bit is seen, or on an underflow from
the BGT reload. In the second case, an interrupt request is also
presented
5:4
VPIN
R/W
Not used.
3
CSTP
R/W
Clock Stop:
1
: Stops the SCx_CLK signal either high or low, depending on the
CSTL
bit.
0
: Causes the SCx_CLK signal to run. This signal is initially 1 on
reset, causing SCx_CLK to be stopped in the low state.
When setting this bit, the CPU clock must be multiple of SCx_CLK
and CPU frequency must not be changed. Otherwise a clock glitch
can occur on SCx_CLK. To avoid this, software synchronization must
be done to read SCx_CLK and CSTP bit must be set with CSTL=0
when SCx_CLK is low.
2
CSTL
R/W
Clock Stop Level:
When the CLKSTP bit is set, this bit indicates the state in which the
SCx_CLK pin should stop: 1 means stop the clock high, 0 means stop
the clock low. This bit is initially 0 on reset, causing SCx_CLK to be
stopped in the low state.
1
IO
R/W
SCx_IO Pin Control:
The default value (0) forces the SCx_IO pin low. Writing a 1 to this bit
enables the SCx_IO pin to float and to drive high.
0
IOPU
R/W
1 : Enables a weak pull-up device on the SCx_IO pin. This device is
internally disabled while the Transmitter is actively driving the SCx_IO
pin.
TABLE 10-22: SMART CARD DATA REGISTER
SC_DATA
(0X0008~0X000B- RESET=0XXX)
SMART CARD DATA REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
DATA
R/W
Perform all transfers at the location DATA, regardless of size.
Transferring a value at the DATA location has the same effect as
transferring the individual bytes (LS byte first) at the SC_TBR_RBR
location (0000), but is more efficient for the larger data types.
In the SEC1110 and SEC1210, these registers are present for
software compatibility to other parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com