Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 34 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 34 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 30Page - Microchip Technology SEC1210 Datasheet HTML 31Page - Microchip Technology SEC1210 Datasheet HTML 32Page - Microchip Technology SEC1210 Datasheet HTML 33Page - Microchip Technology SEC1210 Datasheet HTML 34Page - Microchip Technology SEC1210 Datasheet HTML 35Page - Microchip Technology SEC1210 Datasheet HTML 36Page - Microchip Technology SEC1210 Datasheet HTML 37Page - Microchip Technology SEC1210 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 34
 2013 - 2016 Microchip Technology Inc.
9.1.12
TIMER 0,1,2 – TH0, TL0, TH1, TL1, TH2, TL2
• TH0, TL0 registers reflect the state of Timer 0. TH0 holds higher byte and TL0 holds lower byte.
• Timer 0 can be configured to operate as either a timer or counter.
• TH1, TL1 registers reflect the state of Timer 1. TH1 holds the higher byte and TL1 holds the lower byte.
• Timer 1 can be configured to operate as either a timer or counter.
• TH2, TL2 registers reflect the state of Timer 2. TH2 holds the higher byte and TL2 holds the lower byte.
• Timer 2 can be configured to operate in compare, capture or reload modes.
9.1.13
TIMER 2 CONTROL REGISTER – T2CON
The T2CON Register reflects the current status of the R8051XC2 Timer 2 and is used to control Timer 2 operation.
TABLE 9-16:
TIMER 0, 1, AND 2 LOW BYTE
TL0
(SFR 0X8A - RESET=0X00)
TL1
(SFR 0X8B - RESET=0X00)
TL2
(SFR 0XCC - RESET=0X00)
TIMER 0/1/2 LOW BYTE
BIT
NAME
R/W
DESCRIPTION
7:0
TL0[7:0]/TL1[7:0]/ TL2[7:0]
R/W
Timer 0/ Timer 1/Timer 2 Low Byte
TABLE 9-17:
TIMER 0, 1, AND 2 HIGH BYTE
TH0
(SFR 0X8C - RESET=0X00)
TH1
(SFR 0X8D - RESET=0X00)
TH2
(SFR 0XCD - RESET=0X00)
TIMER 0/1/2 HIGH BYTE
BIT
NAME
R/W
DESCRIPTION
7:0
TH0[7:0]/ TH1[7:0]
R/W
TImer 0/ Timer 1/Timer 2 High Byte
TABLE 9-18:
TIMER 2 CONTROL REGISTER
T2CON
(SFR 0XC8 - RESET=0X00)
TIMER 2 CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
t2ps
R/W
Prescaler Select:
0
: Timer 2 is clocked with 1/12 of the oscillator frequency.
1
: Timer 2 is clocked with 1/24 of the oscillator frequency.
6
i3fr
R/W
Active edge selection for external interrupt “int3”, (used also as a
compare and capture signal):
0
: Falling edge
1
: Rising edge
5
i2fr
R/W
Active edge selection for external interrupt “int2”:
0
: Falling edge
1
: Rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com