Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 87 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 87 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology SEC1210 Datasheet HTML 90Page - Microchip Technology SEC1210 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 87
SEC1110/SEC1210
2WTX
R/W
1
: Places the Timeout Timer in WTX Mode
0
: Places it in BWT Mode. In WTX Mode, the Timeout Timer
underflow reloads the Timeout Timer instead of stopping it, and the
Receiver is not disabled on underflow.
1
RSTO
R/W
Reset the Timeout Timer:
This bit reads as 0 always. Writing a 1 to this bit clears the ENTO bit
to 0, and removes any pending interrupt request from the Timeout
Timer.
0
ENTO
R/W
Writing 1 enables the Timeout Timer to begin counting at the next
triggering event.
Writing 0 has no effect: to clear this bit, write 1 to the RSTO bit in the
Timer Control Register. This bit is cleared by hardware action in order
to stop the timer.
TABLE 10-43: SMART CARD CLOCK DIVISOR REGISTER
SC_CLK_DIV
(0X0025- RESET=0X58)
SMART CARD CLOCK DIVISOR REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
SAMPLING
This field indicates a divisor to apply from the DLL/DLM value in order
to get the final etu rate:
00
: divide by 31
10
: divide by 16
01
: divide by 1
11
: reserved for future use
The SC_CLK_DIV divisor field is reduced in size to 6 bits
5:0
DIVISOR
R/W
This field gives the divisor to apply to the SEC1110 and SEC1210
system clock in order to generate the SCx_CLK signal to the ICC.
TABLE 10-44: SMART CARD CONFIGURATION BLOCK REGISTER
SC_CFG
(0X0026- RESET=0X60)
SMART CARD CONFIGURATION BLOCK REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
Reserved
R
Always read as 0
Note:
In SEC1110 and SEC1210, the SC_CFG is hardwired to zero.
TABLE 10-42: SMART CARD TIMER CONTROL REGISTER (CONTINUED)
SC_TCTL
(0X001F- RESET=0X00)
SMART CARD TIMER CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com