Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 83 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 83 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 79Page - Microchip Technology SEC1210 Datasheet HTML 80Page - Microchip Technology SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 83
SEC1110/SEC1210
Note 1: This register provides control for FIFO access, and enables the Receiver and the Transmitter.
2: In SEC1110/SEC1210 version, if the FIFO is disabled before a GSR timeout occurs, then the GSR timer is
not reset. The software work-around is to wait for the GSR timer to expire. This Anomaly 6 is fixed in later
versions (SEC1110/SEC1210).
3
RSE
R/W
Receiver Sampling Enable:
1 written to this bit enables the Receiver to sample the SCx_IO pin
for characters. In ATR Mode, the sampling does not occur
immediately, but waits for a rising edge on the SCx_RST_N pin first.
This bit is cleared by an incoming error (e.g., repeated parity error in
T=0 Mode, or CWT violation in T=1 Mode, or Overrun Error). While
the Receiver is sampling, the BGT or DGT value in the Guard Timer
Register continues to be used to inhibit the Transmitter, regardless of
the state of the FRE bit.
2
FRST
W
FIFO Reset:
Always reads as 0. A 1 written to this bit resets the FIFO to an Empty
state. If an error has occurred while transmitting to the card, this
function must be used to re-initialize the FIFO.
1
FRE
R/W
FIFO Receive Enable:
Allows reception into the FIFO. Except in ATR Mode, a transmission
has to occur before the Receiver is actually activated. In ATR Mode,
a rising edge must occur on the SCx_RST_N pin before the Receiver
is activated. This bit is turned off by errors occurring during reception
or transmission (e.g., CWT timeout error); otherwise software must
turn it off after receipt of a message, to prepare for the next exchange
0
FTE
R/W
FIFO Transmit Enable:
Writing 1 to this bit triggers transmission from the FIFO. This bit is
turned off by the normal end of transmission, when all bytes in the
FIFO have been transmitted. It is also turned off by errors occurring
during transmission (e.g., parity error after retransmissions in T=0
Mode).
TABLE 10-30: SMART CARD TIMEOUT TIMER LEAST SIGNIFICANT BYTE (LSB) RELOAD
REGISTER
SC_TOL
(0X0014- RESET=0X00)
SMART CARD TIMEOUT TIMER LSB RELOAD REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
TIMER_RELOAD_LO
R/W
This register holds the LSB of the reload value for the Timeout Timer.
TABLE 10-31: SMART CARD TIMEOUT TIMER MIDDLE SIGNIFICANT BYTE (MSB) RELOAD
REGISTER
SC_TOM
(0X0015- RESET=0X00)
SMART CARD TIMEOUT TIMER MIDDLE MSB RELOAD
REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
TIMER_RELOAD_MI
R/W
This register holds the middle MSB of the reload value for the Timeout
Timer.
TABLE 10-29: SMART CARD FIFO CONTROL REGISTER (CONTINUED)
SC_FCR
(0X0012- RESET=0X00)
SMART CARD FIFO CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com