Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 73 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 73 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 69Page - Microchip Technology SEC1210 Datasheet HTML 70Page - Microchip Technology SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology SEC1210 Datasheet HTML 73Page - Microchip Technology SEC1210 Datasheet HTML 74Page - Microchip Technology SEC1210 Datasheet HTML 75Page - Microchip Technology SEC1210 Datasheet HTML 76Page - Microchip Technology SEC1210 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 73
SEC1110/SEC1210
10.12.1
SYNCHRONOUS INTERFACE OUTPUT
The timing diagram shows how the output behaves under different register setting for the synchronous interface when
configured as an output.
0
CARD_VCC_CNTL
R/W
This bit when reset disables power to the Smart Card 1 (or 2) pads.
Resetting this bit causes masking of PWR_SC1_EN (or PWR_SC2_EN)
bit in the POWER_CTL1 Register, controlling the voltage regulators to
the Smart Card pads.
This bit when set enables the PWR_SC1_EN (or PWR_SC2_EN) bit to
control the voltage regulators to the Smart Card pads. The voltage
applied is indicated by non-zero values of the PWR_SC1_EN (or
PWR_SC2_EN
) bit.
FIGURE 10-15:
SMART CARD SYNCHRONOUS OUTPUT CONFIGURATIONS
TABLE 10-12: SMART CARD SYNC ALL CONTROL REGISTER (CONTINUED)
SC_SYNC_ALL
(0X00A4- RESET=0X00)
SMART CARD ALL CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
INPUT
OUTPUT
OPEN_DRAIN = 0 FAST_OPEN_DRAIN = X
PULL_UP_EN = X, PULL_DN_EN = X
OUTPUT
OPEN_DRAIN = 1 FAST_OPEN_DRAIN = 0
PULL_UP_EN = 0, PULL_DN_EN = 0
OUTPUT
OPEN_DRAIN = 1 FAST_OPEN_DRAIN = 0
PULL_UP_EN = 1, PULL_DN_EN = 0
OUTPUT
OPEN_DRAIN = 1 FAST_OPEN_DRAIN = 1
PULL_UP_EN = 0, PULL_DN_EN = 0
OUTPUT
OPEN_DRAIN = 1 FAST_OPEN_DRAIN = 1
PULL_UP_EN = 1, PULL_DN_EN = X
Z
(Pull up)
System Clock
Z
High
High
Pull up
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com