Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 68 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 68 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 64Page - Microchip Technology SEC1210 Datasheet HTML 65Page - Microchip Technology SEC1210 Datasheet HTML 66Page - Microchip Technology SEC1210 Datasheet HTML 67Page - Microchip Technology SEC1210 Datasheet HTML 68Page - Microchip Technology SEC1210 Datasheet HTML 69Page - Microchip Technology SEC1210 Datasheet HTML 70Page - Microchip Technology SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 68
 2013 - 2016 Microchip Technology Inc.
10.11 Smart Card Wrapper Control Registers
0x0027
SC_LEDC
R/W
LED Control
88
0x0028~ 0x0029
SC_FTHL/SC_FTHM
R/W
FIFO Threshold
88
0x002A~ 0x002B
SC_FCL/SC_FCM
R
Number of bytes in FIFO
89
0x002C
SC_FLL
R/W
Filter Length
89
0x002D
SC_FINS
R/W
Filter INS Byte
90
0x0030 ~ 0x0035
SC_TEST3
R/W
Test Registers
91
0x0080
SC_CTL
R/W
SC Control Register
68
0x0081
PAD_CTL_SC
R/W
Pad current control
69
0x0090
SC_Sync_RST
R/W
Synchronous Mode Reset
69
0x0094
SC_Sync_CLK
R/W
Synchronous Mode Clock
70
0x0098
SC_Sync_FCB
R/W
Synchronous Mode FCB
70
0x009C
SC_Sync_SPU
R/W
Synchronous Mode SPU
71
0x00A0
SC_Sync_IO
R/W
Synchronous Mode Data
72
0x00A4
SC_Sync_ALL
R/W
Synchronous Mode ALL
72
TABLE 10-5:
SMART CARD CONTROL REGISTER
SC_CTL
(0X0080- RESET=0X00)
SMART CARD CONTROL REGISTER
BYTE
NAME
R/W
DESCRIPTION
7
INTERFACE_ENABLE
R/W
If the interface is not enabled, the interface pins are tri-stated.
6
INF_IDLE_CTL_EN
R/W
Enable automatic control of interface idle condition.
Setting this bit will automatically drives SCx_CLK, SCx_RST_N,
SCx_C4, SCx_C8 pins to logic LOW and SCx_IO pin to a value
programmed in INF_IDLE_IO_VAL bit when INTERFACE_ENABLE=0.
When INTERFACE_ENABLE=1 all IOs are controlled by the SCC,
where the state of the SYNC_MODE_SEL does not matter.
5
Reserved
R
Always read as 0
4
INF_IDLE_IO_VAL
R/W
This bit indicates the value to be driven on the SCx_IO line when
INF_IDLE_CTL_EN bit is set.
This bit is available in SEC1110/SEC1210
3
SC1_SC_FIFO_DIS
R/W
This bit indicates if Smart Card 1 is using the SC_FIFO.
0: SC1 using SC_FIFO
1: In SEC1210, SC2 is using SC_FIFO. In SEC1110 this bit is a don’t
care.
2
SC_SLOW_CLK
R/W
Must be set when SCx_CLK is running under 10 MHz.
This bit is not used in the SEC1110/SEC1210 parts.
1
SC_MODE
R/W
Forces the pads into a low current Smart Card Mode with increased
hysteresis. This applies to all Smart Card pins except SC_CLK.
This bit is not used in the SEC1110/SEC1210 parts.
0
SYNC_MODE_SEL
R/W
Setting this bit put the Smart Card interface into the synchronous
Mode.
TABLE 10-4:
SMART CARD1, 2 CONTROLLER REGISTERS (CONTINUED)
OFFSET
ADDRESS
NAME
R/W
DESCRIPTION
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com