Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 80 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 80 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 76Page - Microchip Technology SEC1210 Datasheet HTML 77Page - Microchip Technology SEC1210 Datasheet HTML 78Page - Microchip Technology SEC1210 Datasheet HTML 79Page - Microchip Technology SEC1210 Datasheet HTML 80Page - Microchip Technology SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 80
 2013 - 2016 Microchip Technology Inc.
TABLE 10-23: SMART CARD PROTOCOL STATUS REGISTER
SC_PRS
(0X000C- RESET=0X04)
SMART CARD PROTOCOL STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
Always read as 0
6
INVALID_START_STS
R
This bit is set when an invalid start bit received.
Invalid start bit is detected when any of the below checks fail.
• Start bit period less than 0.5 etu
• A level LOW check on SCx_IO pin at the sample time specified in
the START_WIDTH_TOL register
This bit is reset when read or when RSE bit in SC_FCR register is set.
In SEC1110/SEC1210, always read as 0.
5
SMB
R/W
State Machine Busy:
1
: Indicates that a transfer is in progress
0
: Indicates that no transfer is in progress (idle/finished)
4
PWR
R/W
This bit is forced to 0
3
ACTV
R/W
Activity Bit:
1 : Indicates that a character has been received since the last time
this bit was cleared by software. This bit is cleared by software, by
writing a 0 to this bit location (this is the only writable bit in this
register). Only the RSE bit in the SC_FCR Register has to be 1 in
order for this bit to detect activity, and the FRE bit does not have to
be 1.
2
GPH
R/W
Guard Timer Phase:
Indicates the current phase of operation for the Guard Timer:
0
: next reload will be from the SC_EGT Register
1
: next reload will be from the BGT Register
1
TSM
R/W
TS Mode:
Indicates the current convention: 0 = direct, 1 = inverse. Writing a 1
to the ATR bit in the Protocol Mode Register initializes this bit to 0,
and it can be manipulated using some test register features.
Otherwise, it is a read-only bit.
0
TSC
R/W
TS Captured:
1 : Indicates that a convention has been automatically captured from
an ATR TS byte. Writing a 1 to the ATR bit in the Protocol Mode
Register initializes this bit to 0, and it can be manipulated using some
test register features. Otherwise, it is a read-only bit.
TABLE 10-24: SMART CARD PROTOCOL INTERRUPT PENDING REGISTER
SC_PRIP
(0X000D- RESET=0X00)
SMART CARD PROTOCOL INTERRUPT PENDING REGISTER
BIT
NAME
R/W
DESCRIPTION
7
GPT
R/W
1 : General Purpose Down Counter Interrupt
6
TSW
R/W
1 : Timeout waiting for the TS byte in ATR Mode. (Guard Timer, EGT
reload phase.)
5
TMO
R/W
1 : Timeout on the Timeout Timer (WWT, BWT or WTX)
4
CWT
R/W
1 : Timeout on the CWT Timer (CWT, or timeout waiting for the ATR
TS byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com