Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 19 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 19 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 15Page - Microchip Technology SEC1210 Datasheet HTML 16Page - Microchip Technology SEC1210 Datasheet HTML 17Page - Microchip Technology SEC1210 Datasheet HTML 18Page - Microchip Technology SEC1210 Datasheet HTML 19Page - Microchip Technology SEC1210 Datasheet HTML 20Page - Microchip Technology SEC1210 Datasheet HTML 21Page - Microchip Technology SEC1210 Datasheet HTML 22Page - Microchip Technology SEC1210 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 19
SEC1110/SEC1210
7.0
8051 EMBEDDED CONTROLLER
The embedded controller used in the SEC1110 and SEC1210 is an R8051XC2 from Evatronix. The R8051XC2 is a high
performance 8-bit embedded processor. The processor core is a low gate count core, with low-latency interrupt process-
ing that features:
• Single clock per machine cycle: an average of 2.12 machine cycles per instruction
• Industry standard MCS51 instruction set
• Dual Data Pointers (2 x DPTR)
The R8051XC2’s interrupt controller is closely integrated with the processor core to achieve low latency interrupt pro-
cessing, incorporating the following features:
• 13 external interrupts
• 4 priority levels for each interrupt
The embedded controller provides low-cost debug solutions, including:
• JTAG port for debugging using EASE OCDS debugging
• Software and 4 hardware breakpoints
The R8051XC2 bus interfaces include:
• 256 bytes internal data memory RAM
• Program Memory Write Mode
• Supports 128 KB program memory space with banking
• Supports 128 KB of external data memory space with banking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com