Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 71 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 71 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 67Page - Microchip Technology SEC1210 Datasheet HTML 68Page - Microchip Technology SEC1210 Datasheet HTML 69Page - Microchip Technology SEC1210 Datasheet HTML 70Page - Microchip Technology SEC1210 Datasheet HTML 71Page - Microchip Technology SEC1210 Datasheet HTML 72Page - Microchip Technology SEC1210 Datasheet HTML 73Page - Microchip Technology SEC1210 Datasheet HTML 74Page - Microchip Technology SEC1210 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 71
SEC1110/SEC1210
3
FAST_OPEN_DRAIN
R/W
If this bit is set, and the Mode is output, the signal is driven low when
the data is 0. When the data transitions to 1, it is actively driven high
for one system clock cycle before being tri-stated.
2
OPEN_DRAIN
R/W
If this bit is set, and the Mode is output, the SCx_C4 output is driven
open drain; 0 are driven, 1 are tri-stated.
1
PULL_UP_EN
R/W
When set, it enables the pull-up to this pin.
0
PULL_DN_EN
R/W
When set, it enables the pull-down to this pin.
(0X0098)- RESET=0X00)
7:2
Reserved
R
Always read as 0
1
FCB_IN
R
This bit reflects the state of the SCx_C4 pin when select muxes are
set to Smart Card Mode. Synchronous or asynchronous Mode does
not matter.
0
FCB_OUT
R/W
This bit reflects the state of the SCx_C4 pin when select muxes are
set to Smart synchronous Mode. Synchronous or asynchronous Mode
does not matter.
TABLE 10-10: SMART CARD SYNC SPU CONTROL REGISTER
SC_SYNC_SPU
(0X009D- RESET=0X00)
SMART CARD SPU CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Always read as 0
5
INPUT_EN
R/W
1
: Input is enabled
0
: Input is disabled
4
OUTPUT_EN
R/W
1
: Output is enabled
0
: Output is disabled
3
FAST_OPEN_DRAIN
R/W
If this bit is set, and the Mode is output, the signal is driven low when
the data is 0. When the data transitions to 1, it is actively driven high
for one system clock cycle before being tri-stated.
2
OPEN_DRAIN
R/W
If this bit is set, and the Mode is output, the SCx_C8 output is driven
open drain; 0 are driven, 1 are tri-stated.
1
PULL_UP_EN
R/W
When set, it enables the pull-up to the SCx_C8 pin.
0
PULL_DN_EN
R/W
When set, it enables the pull-down to the SCx_C8 pin.
(0X009C- RESET=0X00)
7:2
Reserved
R
Always read as 0
1
SPU_IN
R
This bit reflects the state of the SCx_SPU pin when select muxes are
set to Smart Card Mode. Synchronous or asynchronous Mode does
not matter.
0
SPU_OUT
R/W
This bit reflects the state of the SCx_SPU pin when select muxes are
set to Smart Card Mode. Synchronous or asynchronous Mode does
not matter.
TABLE 10-9:
SMART CARD SYNC FCB CONTROL REGISTER (CONTINUED)
SC_SYNC_FCB
(0X0099)- RESET=0X00)
SMART CARD FCB CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com