Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 86 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 86 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology SEC1210 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 86
 2013 - 2016 Microchip Technology Inc.
• T=0 Mode: ATR=0 and TE1=0. In this Mode, character framing and parity handling are as per the T=0 protocol.
The Receiver waits until a message has been transmitted before it becomes active.
• T=1 Mode: ATR=0 and TE1=1. In this Mode, character framing and parity handling are as per the T=1 protocol.
The Receiver waits until a message has been transmitted before it becomes active.
The OSME and ISME bits are mutually exclusive: only one of them may be set to 1, and neither may be set to 1 without
the TE1 bit also being set to 0 and the ATR bit set to 0.
TABLE 10-41: SMART CARD PROTOCOL MODE REGISTER
SC_PRM
(0X001E- RESET=0X00)
SMART CARD REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Always read as 0
4
ISME
R/W
1 : Indicates that the Incoming Filter State Machine is enabled. The
TE1
bit and ATR bit must also be set to 0.
3
OSME
R/W
1 : Indicates that the Outgoing Filter State Machine is enabled. The
TE1
bit and ATR bit must also be set to 0.
2
Reserved
R
Always read as 0
1
TE1
R/W
0 : Indicates that T=0 character framing is being used, either in T=0
protocol communication or receiving the ATR message.
1 : Indicates that the T=1 protocol is being used. This bit may not be
set to 1 with any of bits ATR, OSME or ISME also set to 1.
0
ATR
R/W
Answer to Reset Mode:
1 : Indicates that a Reset sequence is to be presented, expecting a
response from the card. The TE1 bit must also be 0 in this Mode.
Writing a 1 to this bit also clears the TSC and TSM bits in the Protocol
Status Register, which causes the first byte received to be interpreted
by hardware as the TS byte, setting the bit encoding convention
based on what is received.
ATR
bit in SC_PRM Register should not be set once the ATR from the
card is received.
TABLE 10-42: SMART CARD TIMER CONTROL REGISTER
SC_TCTL
(0X001F- RESET=0X00)
SMART CARD TIMER CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
RSG
R/W
Reset Guard Timer:
This bit always reads as 0. Writing a 1 to this bit clears the ENG bit in
the Interface Control Register to 0, and removes any pending interrupt
request from the Guard Timer. (The ENG bit, which enables the Guard
Timer, is in the Interface Control Register so that the Guard Timer
may be started atomically with the presentation of SC_RST_N and
SC_CLK to the Smart Card.)
6:5
Reserved
R
Always read as 0
4
RSC
R/W
Resets the CWT Timer:
This bit always reads as 0. Writing a 1 to this bit clears the ENC bit to
0, and removes any pending interrupt request from the CWT Timer.
3
ENC
R/W
Writing 1 enables the CWT Timer to begin counting at the next
triggering event.
Writing 0 has no effect: to clear this bit, write 1 to the RSC bit in the
Timer Control Register. This bit is cleared by hardware action in order
to stop the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com