Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 90 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 90 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 86Page - Microchip Technology SEC1210 Datasheet HTML 87Page - Microchip Technology SEC1210 Datasheet HTML 88Page - Microchip Technology SEC1210 Datasheet HTML 89Page - Microchip Technology SEC1210 Datasheet HTML 90Page - Microchip Technology SEC1210 Datasheet HTML 91Page - Microchip Technology SEC1210 Datasheet HTML 92Page - Microchip Technology SEC1210 Datasheet HTML 93Page - Microchip Technology SEC1210 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 90
 2013 - 2016 Microchip Technology Inc.
TABLE 10-51: SMART CARD INS CODE REGISTER
SC_FINS
(0X002D- RESET=0X00)
SMART CARD FILTER STATE MACHINE INS CODE REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
INS
R/W
This register holds the INS byte for the current T=0 exchange, so that
the T=0 Filter state machines can recognize the INS and INS
Procedure Bytes
TABLE 10-52: SMART CARD DEBOUNCE REGISTER
SC_TEST1
(0X0030, - RESET=0X14)
SMART CARD TEST REGISTERS
BIT
NAME
R/W
DESCRIPTION
7:0
DEBOUNCE_MAX
R/W
This register indicates the debounce counter value for the
SCx_PRSNT_N signal, in 1 ms resolution. If a value of zero is written,
then the debounce logic is avoided, and the SCx_PRSNT_N signal is
sampled directly.
The DEBOUNCE_CLK_EN and DEBOUNCE_FREQ bits in
OSC48_SETTLE_CLKS Register must be enabled for the debouncing
to work.
TABLE 10-53: SMART CARD DEBOUNCE REGISTER
SC_TEST2
(0X0031, - RESET=0X1F)
SMART CARD TEST REGISTERS
BIT
NAME
R/W
DESCRIPTION
7:2
START_WIDTH_TOL[7:2]
R/W
After the leading edge of the start bit, a check is done for a low on
the SCx_IO line, for the sample number indicated by this start bit
tolerance register before the next bit.
If SCx_IO is not low at start bit tolerance sample before the next bit,
that start bit will be invalidated and the Receiver will search for next
start byte.
This width check if violated, will likely result in wrong data received
with a parity error or TMO.
1
OEN_EXT
RW
When this bit is 0, it disables the OEN extension feature. The Output
enable for the SCx_IO pad is driven for one internal Smart Card clock,
at the end of transmit, and at the end of parity error signaling. This
setting may cause insufficient time, for the SCx_IO pad to switch from
0
to 1, before tristating and enabling the pull-up, during high Smart
Card block frequencies.
When this bit is 1 (default), it indicates that the Output enable
extension for SCx_IO is enabled. This setting ensures that a 0 to 1
transition occurs on the pad, and then the pad is tristated and pull-up
enabled on SCx_IO.
The OEN_CLKS field indicates the OEN extension time.
0
START_BIT_NEG_EDGE
RW
When this bit is 0, it indicates the detection of start bit (after a parity
error is signaled) occurs when a negative edge is seen on SCx_IO.
When this bit is 1 (default), it indicates the detection of start bit (after
a parity error is signaled) occurs when a 0 level is seen on SCx_IO.
This setting may cause a parity error signaling to be wrongly identified
as the next start bit when the Smart Card block runs internally at high
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com