Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 33 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 33 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 29Page - Microchip Technology SEC1210 Datasheet HTML 30Page - Microchip Technology SEC1210 Datasheet HTML 31Page - Microchip Technology SEC1210 Datasheet HTML 32Page - Microchip Technology SEC1210 Datasheet HTML 33Page - Microchip Technology SEC1210 Datasheet HTML 34Page - Microchip Technology SEC1210 Datasheet HTML 35Page - Microchip Technology SEC1210 Datasheet HTML 36Page - Microchip Technology SEC1210 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 33
SEC1110/SEC1210
9.1.11
TIMER MODE REGISTER – TMOD
The TMOD Register is used in configuration of the R8051XC2 Timer 0 and Timer 1.
TABLE 9-14:
TIMER MODE REGISTER
TMOD
(SFR 0X89 - RESET=0X00)
TIMER MODE REGISTER
BIT
NAME
R/W
DESCRIPTION
7
gate
R/W
Timer 1 Gate Control:
If set, enables external gate control (pin int(1)) for Counter 1. When
int(1) is high, and tr1 bit is set, the Counter 1 is incremented every
falling edge on the t1 input pin.
6
c/t
R/W
Timer 1 Counter/Timer Select:
Selects the timer or counter operation. When set to 1, a counter
operation is performed; when cleared to 0, the Timer/Counter 1 will
function as a timer.
5
m1
R/W
Timer 1 Mode:
Selects mode for Timer/Counter 1, as shown in Table 9-15 below.
4m0
3
gate
R/W
Timer 0 Gate Control:
If set, enables external gate control (pin int(0)) for Counter 0. When
int(0) is high, and tr0 bit is set, the Counter 0 is incremented every
falling edge on the t0 input pin
2
c/t
R/W
Timer 0 Counter/Timer Select:
Selects the timer or counter operation. When set to 1, a counter
operation is performed; when cleared to 0, the Timer/Counter 0 will
function as a timer.
1
m1
R/W
Timer 0 Mode:
Selects the mode for Timer/Counter 0, as shown in Table 9-15 below.
0m0
TABLE 9-15:
TIMER/COUNTER MODES
M0
M1
MODE
FUNCTION
0
0
Mode 0
13-bit Counter/Timer, with 5 lower bits in the TL0 (TL1) Register and 8 bits
in TH0 (TH1) Register (for Timer 0 or Timer 1, respectively). Note, that
unlike in the 80C51, the 3 high-order bits of TL0 (TL1) are zeroed
whenever Mode 0 is enabled.
0
1
Mode 1
16-bit Counter/Timer
1
0
Mode 2
8-bit auto-reload counter/timer. The reload value is kept in TH0 (TH1),
while TL0 (TL1) is incremented every machine cycle. When TL0 (TL1)
overflows, a value from TH0 (TH1) is copied to TL0 (TL1).
1
1
Mode 3
For Timer 1: Timer 1 is stopped.
For Timer 0: Timer 0 acts as two independent 8-bit timers / counters – TL0,
TH0.
• TL0 uses the Timer 0 control bits and sets the tf0 flag on overflow.
• TH0 operates as the timer, which is enabled by the tr1 bit and sets the
tf1
flag on overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com