| Electronic Components Datasheet Search |
|
SEC1210 Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SEC1210 Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 218 page ![]() SEC1110/SEC1210 DS00001561C-page 14 2013 - 2016 Microchip Technology Inc. SC Active Indicator SC_LED_ACT_N/ I/O8PUD The driver for the active LED. JTAG_TDO/ This pin can alternatively be configured in debug mode by software. TIMER2_T2EX/ GPIO5 This pin may alternatively be used as general purpose I/O pin, or as the Timer 2 “t2ex” input pin. USB INTERFACE USB Bus Data USB_DM, USB_DP I/O-U These pins connect to the upstream USB bus data signals. SPI1/UART INTERFACE (QFN24) SPI1 Chip Enable SPI1_CE_N/ I/O8PUD The active-low chip-enable output (Master mode). If the SPI1 interface is disabled, this pin must be driven high in idle state by software. RTS/ This pin can alternatively function as the UART RTS signal, when UART is used instead of SPI1. GPIO11 This pin may also be used as a general purpose I/O pin. SPI1 Clock SPI1_CLK/ I/O8PUD The SPI1 clock output (Master mode). CTS/ This pin can alternatively function as the UART CTS signal, when UART is used instead of SPI1. GPIO10 This pin can alternatively be used as a general purpose I/O pin. SPI1 Data In SPI_MISO/ I/O8PUD The Master data in to the controller. This pin must have a weak internal pull-down applied at all times to prevent floating. RXD/ This pin alternatively function as the UART RXD input signal, when UART is used instead of SPI1. GPIO8 This pin can alternatively be configured as a general purpose I/O pin. SPI1 Data Out SPI_MOSI/ I/O8PUD This is the Master data output from the controller. This pin must have a weak internal pull-down applied when used as input to prevent floating. TXD/ This pin can alternatively function as the UART TXD output signal, when UART is used instead of SPI1. GPIO9 GPIO9: This pin can alternatively be used as a general purpose I/O pin. MISC TEST TEST I/O8PUD This signal is used for testing the chip. If the test function is not used, this pin must be tied low externally. RESET input RESET_N IS This active low signal is used by the system to reset the chip and enter STOP mode. The active low pulse should be at least 1 s wide. This pin is an analog input signal with Vil=100 mV. JTAG Clock JTAG_CLK I/O8PUD This input pad is used for JTAG debugging and has a weak pull down. It can be left floating or grounded when not used. If the JTAG is connected, this signal will be detected high, and the software disables the pull-up after reset. GPIO 28 GPIO28 I/O8PUD General Purpose I/O pin. GPIO 29 GPIO29 I/O8PUD General Purpose I/O pin. GPIO 30 GPIO30 I/O8PUD General Purpose I/O pin. TABLE 5-1: SEC1110 AND SEC1210 PIN DESCRIPTIONS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |