Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 97 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 97 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 93Page - Microchip Technology SEC1210 Datasheet HTML 94Page - Microchip Technology SEC1210 Datasheet HTML 95Page - Microchip Technology SEC1210 Datasheet HTML 96Page - Microchip Technology SEC1210 Datasheet HTML 97Page - Microchip Technology SEC1210 Datasheet HTML 98Page - Microchip Technology SEC1210 Datasheet HTML 99Page - Microchip Technology SEC1210 Datasheet HTML 100Page - Microchip Technology SEC1210 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 97
SEC1110/SEC1210
The firmware has to clear one of these two bits after having read all the data to allow a new valid packet to be stored in
the corresponding bank.
A NAK handshake is sent by the USB controller only if the banks 0 and 1 have not been released by firmware.
The firmware can reset the hardware pointers by writing a 1 to both BUF0_RDY and BUF1_RDY in a single write.
An endpoint will first be enabled and configured before being able to send bulk or interrupt packets with the PingPong
bit set.
The firmware will fill the data bank 0 with the data to be sent and set the TXRDY (or BUF0_RDY) bit in the USB_EPn_CT-
L_REG (or USB_EPn_BUFRDY_REG) Register to allow the USB controller to send the data stored in data at the next
IN request concerning the endpoint. The firmware can immediately write into the Endpoint 1 data bank. The firmware
can set BUF1_RDY bit when this buffer is ready.
When the IN packet concerning the bank 0 has been sent and acknowledged by the Host, the TXRDY (and BUF0_RDY)
bit is reset by the USB controller. This triggers a USB interrupt if enabled. The firmware will check if the BUF0_RDY bit
is reset before filling the Endpoint 0 Data Bank with new data.
When the IN packet concerning the bank 1 has been sent and acknowledged by the Host, the TXRDY (and BUF1_RDY)
bit is reset by the USB controller. This triggers a USB interrupt if enabled. The firmware will check if the BUF1_RDY bit
is reset before filling the Endpoint 1 Data Bank with new data.
The bank switch is performed by the USB controller after each packet. Until the TXRDY bit has been set by the firmware
for an endpoint bank, the USB controller will answer a NAK handshake for each IN requests concerning this bank.
The firmware will never write more bytes than supported by the endpoint data buffer.
FIGURE 11-6:
BULK/INTERRUPT IN TRANSACTIONS IN PING-PONG MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com