Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 41 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 41 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 37Page - Microchip Technology SEC1210 Datasheet HTML 38Page - Microchip Technology SEC1210 Datasheet HTML 39Page - Microchip Technology SEC1210 Datasheet HTML 40Page - Microchip Technology SEC1210 Datasheet HTML 41Page - Microchip Technology SEC1210 Datasheet HTML 42Page - Microchip Technology SEC1210 Datasheet HTML 43Page - Microchip Technology SEC1210 Datasheet HTML 44Page - Microchip Technology SEC1210 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 41
SEC1110/SEC1210
9.1.22
POWER CONTROL REGISTER – PCON
9.1.22.1
pmw
The MOVX instructions perform one of two actions depending on the state of pmw bit (PCON.4). The pmw bit selects the
standard or advanced behavior of the microcontroller during execution of MOVX instruction.
When the pmw is cleared or after reset, MOVX instructions allow read/write access to external data memory space. The
software can set the pmw bit to enable access to program memory space. Once pmw is set, MOVX data memory instruc-
tions become MOVX program memory instructions with 8 or 16-bit addressing modes. The software clears pmw to
switch back to normal MOVX behavior.
Setting or clearing pmw does not influence the execution of MOVC instruction and it does not change the behavior of
program memory reading.
9.1.22.2
CPU_IDLE
When the CPU_IDLE Mode is invoked, the ISR and other peripherals are clocked normally and interrupts are generated
normally. Therefore the irq signal coming from the ISR module can directly wake-up the CPU from CPU_IDLE Mode.
TABLE 9-31:
PRIORITY LEVELS
IP1.X
IP0.X
PRIORITY LEVEL
0
0
Level 0 (lowest)
0
1
Level 1
1
0
Level 2
1
1
Level 3 (highest)
Note:
X represents the priority group
TABLE 9-32:
POWER CONTROL REGISTER
PCON
(SFR 0X87 - RESET=0X08)
POWER CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
smod
R/W
This bit is not used.
6
wdt_tm
R/W
Watchdog Timer Test Mode Flag:
When set to 1, the fclk/12 divider at the input of the watchdog timer
is skipped.
5
isr_tm
R/W
Interrupt Service Routine Test Mode Flag:
When set to 1, the interrupt vectors assigned to Timer 0 and 1, Serial
Port 0 and 1, and SPI interfaces can be triggered only with the use
of external inputs of the core.
4
pmw
R/W
Program Memory Write Mode:
Setting this bit enables the Program Memory Write Mode.
3
p2sel
R/W
This bit is not used.
2
gf0
R/W
General Purpose Flag
1
stop
R/W
STOP Mode Control:
Setting this bit activates the STOP Mode. This bit is always read as 0.
0
idle
R/W
Idle Mode Control:
Setting this bit activates the IDLE Mode. This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com