Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 82 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 82 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 78Page - Microchip Technology SEC1210 Datasheet HTML 79Page - Microchip Technology SEC1210 Datasheet HTML 80Page - Microchip Technology SEC1210 Datasheet HTML 81Page - Microchip Technology SEC1210 Datasheet HTML 82Page - Microchip Technology SEC1210 Datasheet HTML 83Page - Microchip Technology SEC1210 Datasheet HTML 84Page - Microchip Technology SEC1210 Datasheet HTML 85Page - Microchip Technology SEC1210 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 82
 2013 - 2016 Microchip Technology Inc.
TABLE 10-26: SMART CARD TIMER STATUS REGISTER
SC_TMS
(0X000F- RESET=0X10)
SMART CARD TIMER STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Always read as 0
4
GS_MAX_TIMEOUT
R
This bit if set indicates that the maximum guard spacing timeout has
happened.
3
TORUN
R
1 : Indicates that the Timeout Timer has been triggered and is running
2
Reserved
R
Always read as 0
1
CRUN
R
1 : Indicates that the CWT Timer has been triggered and is running
0
GRUN
R
1 : Indicates that the Guard Timer has been triggered and is running
TABLE 10-27: SMART CARD BAUD DIVISOR LSB REGISTER
SC_DLL
(0X0010- RESET=0X01)
SMART CARD BAUD DIVISOR LSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
BAUD_DIV_7_0
R/W
These are the lower 8 bits of the 16 bit baud rate divisor. The most
significant 8 bits are held in the SC_DLM Register.
The baud rate divisor, with the Sampling field of the CLK Register,
divides the etu rate from the sc1_clk/sc2_clk input clock from the
CLK_PWR block.
TABLE 10-28: SMART CARD BAUD DIVISOR MSB REGISTER
SC_DLM
(0X0011- RESET=0X00)
SMART CARD BAUD DIVISOR MSB REGISTER
BIT
NAME
R/W
DESCRIPTION
7:0
BAUD_DIV_15_8
R/W
These are the most significant 8 bits of the 16 bit baud rate divisor.
The least significant 8 bits are held in the SC_DLL Register.
The baud rate divisor, with the Sampling field of the CLK Register,
divides the etu rate from the sc1_clk/sc2_clk input clock from the
CLK_PWR block.
TABLE 10-29: SMART CARD FIFO CONTROL REGISTER
SC_FCR
(0X0012- RESET=0X00)
SMART CARD FIFO CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Always read as 0
5
RFS
R
Receiver FIFO Status:
This bit indicates whether the Receiver is actively prepared to place
characters into the FIFO. It may not match the FRE bit, if the Receiver
is still waiting for a trigger to begin (e.g., waiting for transmission to
complete).
4
RSS
R
Receiver Sampling Status:
This bit indicates whether the Receiver is actively sampling for
characters. It may not match the RSE bit, if the Receiver is still waiting
for a trigger to begin. For example, in ATR Mode, it may not yet be
active, pending a rising edge on the SCx_RST_N pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com