Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 40 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 40 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 36Page - Microchip Technology SEC1210 Datasheet HTML 37Page - Microchip Technology SEC1210 Datasheet HTML 38Page - Microchip Technology SEC1210 Datasheet HTML 39Page - Microchip Technology SEC1210 Datasheet HTML 40Page - Microchip Technology SEC1210 Datasheet HTML 41Page - Microchip Technology SEC1210 Datasheet HTML 42Page - Microchip Technology SEC1210 Datasheet HTML 43Page - Microchip Technology SEC1210 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 40
 2013 - 2016 Microchip Technology Inc.
9.1.21
INTERRUPT PRIORITY REGISTERS – IP0, IP1
The 18 interrupt sources are grouped into 6 priority groups. For each of the groups, one of four priority levels can be
selected. It is achieved by setting appropriate values in the IP0 and IP1 registers.
The contents of the interrupt priority registers define the priority levels for each interrupt source according to the tables
below.
TABLE 9-28:
INTERRUPT PRIORITY 0 REGISTER
IP0
(SFR 0XA9 - RESET=0X00)
INTERRUPT PRIORITY 0 REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R/W
Always read as 0
6
wdts
R/W
Watchdog Timer Status Flag:
This bit is not set by hardware when the watchdog timer reset occurs.
If the RESET_SRC_WDOG bit in the CLKPWR_TEST4 Register is set,
it indicates that the chip reset was due to a watchdog timer reset.
5:0
-
R/W
Interrupt Priority:
Each bit together with the corresponding bit from the IP1 Register
specifies the priority level of the respective interrupt priority group.
TABLE 9-29:
INTERRUPT PRIORITY 1 REGISTER
IP1
(SFR 0XB9 - RESET=0X00)
INTERRUPT PRIORITY 1 REGISTER
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R/W
Always read as 0
5:0
-
R/W
Interrupt Priority:
Each bit together with the corresponding bit from the IP0 Register
specifies the priority level of the respective interrupt priority group.
TABLE 9-30:
PRIORITY GROUPS
GROUP
CORRESPONDING
INTERRUPT BITS
INTERRUPTS IN EACH GROUP
0
IP1.0, IP0.0
Ext Interrupt 0 - or
of all interrupts
except GPIOs
Ext Interrupt 7 -
Reserved
1
IP1.1, IP0.1
Timer 0 Interrupt
External Interrupt 8
- Endpoint 1
External Interrupt 2
- SPI1 Interrupt
2
IP1.2, IP0.2
External Interrupt 1
- GPIO port 0,1
External Interrupt 9
- Endpoint 2
External Interrupt 3
- Endpoint 3
3
IP1.3, IP0.3
Timer 1 Interrupt
External Interrupt
10 - Endpoint 5
External Interrupt 4
- Endpoint 4
4
IP1.4, IP0.4
16550 UART
Interrupt
External Interrupt
11 - Endpoint 0
External Interrupt 5
- USB Interrupt
5
IP1.5, IP0.5
Timer 2 Interrupt
External Interrupt
12 - Smart Card
1/2
Reserved
External Interrupt 6
- Power Status
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com