Electronic Components Datasheet Search
  English  ▼

X  

SEC1210 Datasheet(PDF) 104 Page - Microchip Technology

Part # SEC1210
Description  Smart Card Bridge to USB and UART Interfaces
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210 Datasheet(HTML) 104 Page - Microchip Technology

Back Button SEC1210 Datasheet HTML 100Page - Microchip Technology SEC1210 Datasheet HTML 101Page - Microchip Technology SEC1210 Datasheet HTML 102Page - Microchip Technology SEC1210 Datasheet HTML 103Page - Microchip Technology SEC1210 Datasheet HTML 104Page - Microchip Technology SEC1210 Datasheet HTML 105Page - Microchip Technology SEC1210 Datasheet HTML 106Page - Microchip Technology SEC1210 Datasheet HTML 107Page - Microchip Technology SEC1210 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
SEC1110/SEC1210
DS00001561C-page 104
 2013 - 2016 Microchip Technology Inc.
7:6
Ep_AltSetting
1
Alternate setting to which the endpoint belongs:
• Must be 0 for Endpoint 0
• Value for other endpoints is up to the maximum number of inter-
faces supported as reported in the Descriptor
5:4
Ep_Type
Endpoint type:
00
: Control
01
: Reserved
10
: Bulk
11
: Interrupt
Must be 00 for Endpoint 0.
The values for other endpoints is user programmable as 01, 10, 11,
and is same as reported in the Descriptor.
3
Ep_Dir
Endpoint direction:
0
: OUT Endpoint
1
: IN Endpoint
This bit is ignored for control endpoints.
Must be 0 for Endpoint 0.
Value for other endpoints is programmable, and is the same as
reported in the Descriptor.
2:0
Ep_MaxPktSize[9:7]
Maximum packet size for this endpoint (64 Max). The valid values
are 8: 00_0000_1000b
16: 00_0001_0000b
32: 00_0010_0000b
64: 00_0100_0000b
7:1
Ep_MaxPktSize[6:0]
2
0
Ep_UserBit
This bit is reflected to the application bus as the UDC_UserBit
signal for the transaction to this particular endpoint.
• Must be 1 for endpoints 2 and 3
• It is 0 for all other endpoints
7:0
Ep_BufAdrPtr[15:8],
Ep_BufAdrPtr[7:0]
3,
4
Address pointer for the associated endpoint is encoded as follows:
Ep_BufAdrPtr15 = EP_Dir
Ep_BufAdrPtr[14:12] = EpNum[2:0] (The physical endpoint number
0~5)
Ep_BufAdrPtr[11:10] = Ep_Config[1:0]
Ep_BufAdrPtr[9:8] = Ep_Interface[1:0]
Ep_BufAdrPtr[7:6] = Ep_AltSettings[1:0]
Ep_BufAdrPtr[5:4] = Ep_Type[1:0]
Ep_BufAdrPtr[3:0] = Ep_MaxPktSize[6:3]
TABLE 11-5:
ENDPOINT 0-5 CONFIG MEMORY
USB_EP_0_CFG(0X00~0X04 RESET=0XXX
USB_EP_1_CFG
(0X05~0X09 RESET=0XXX
USB_EP_2_CFG
(0X0A~0X0E RESET=0XXX
USB_EP_3_CFG
(0X0F~0X13 RESET=0XXX
USB_EP_4_CFG
(0X14~0X18 RESET=0XXX
USB_EP_5_CFG
(0X19~0X1D RESET=0XXX
EndPoint 0-5 Config Memory
BIT
NAME
BYTE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com