Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 112 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 112 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 108Page - SMSC Corporation FDC37M607 Datasheet HTML 109Page - SMSC Corporation FDC37M607 Datasheet HTML 110Page - SMSC Corporation FDC37M607 Datasheet HTML 111Page - SMSC Corporation FDC37M607 Datasheet HTML 112Page - SMSC Corporation FDC37M607 Datasheet HTML 113Page - SMSC Corporation FDC37M607 Datasheet HTML 114Page - SMSC Corporation FDC37M607 Datasheet HTML 115Page - SMSC Corporation FDC37M607 Datasheet HTML 116Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 182 page
background image
112
Stop Cycle Control
Once all IRQ/Data Frames have completed the
Host Controller will terminate IRQSER activity
by initiating a Stop Frame.
Only the Host
Controller can initiate the Stop Frame. A Stop
Frame is indicated when the IRQSER is low for
two or three clocks.
If the Stop Frame’s low
time is two clocks then the next IRQSER Cycle’s
sampled mode is the Quiet mode; and any
IRQSER device may initiate a Start Frame in
the second clock or more after the rising edge
of the Stop Frame’s pulse. If the Stop Frame’s
low time is three clocks then the next IRQSER
Cycle’s sampled mode is the Continuos mode;
and only the Host Controller may initiate a Start
Frame in the second clock or more after the
rising edge of the Stop Frame’s pulse.
Latency
Latency for IRQ/Data updates over the IRQSER
bus in bridge-less systems with the minimum
IRQ/Data Frames of seventeen, will range up to
96 clocks (3.84
µS with a 25 MHz PCI Bus or
2.88
µS with a 33 MHz PCI Bus). If one or more
PCI to PCI Bridge is added to a system, the
latency
for
IRQ/Data
updates
from
the
secondary or tertiary buses will be a few clocks
longer
for
synchronous
buses,
and
approximately double for asynchronous buses.
EOI/ISR Read Latency
Any serialized IRQ scheme has a potential
implementation issue related to IRQ latency.
IRQ latency could cause an EOI or ISR Read to
precede an IRQ transition that it should have
followed. This could cause a system fault. The
host
interrupt
controller
is
responsible
for
ensuring that these latency issues are mitigated.
The recommended solution is to delay EOIs and
ISR Reads to the interrupt controller by the
same amount as the IRQSER Cycle latency in
order to ensure that these events do not occur
out of order.
AC/DC Specification Issue
All
IRQSER
agents
must
drive
/
sample
IRQSER synchronously related to the rising
edge of
PCI bus clock. IRQSER (SIRQ)
pin
uses the electrical specification of PCI bus.
Electrical
parameters
will
follow
PCI
specification, section 4, sustained tri-state.
Reset and Initialization
The IRQSER bus uses RESET_DRV as its reset
signal. The IRQSER pin is tri-stated by all
agents while RESET_DRV is active. With reset,
IRQSER Slaves are put into the (continuous)
IDLE mode. The Host Controller is responsible
for starting the initial IRQSER Cycle to collect
system’s IRQ/Data default values. The system
then follows with the Continuous/Quiet mode
protocol
(Stop
Frame
pulse
width)
for
subsequent
IRQSER
Cycles.
It
is
Host
Controller’s responsibility to provide the default
values to 8259’s and other system logic before
the first IRQSER Cycle is performed.
For
IRQSER system suspend, insertion, or removal
application,
the
Host
controller
should
be
programmed into Continuous (IDLE) mode first.
This is to guarantee IRQSER bus is in IDLE
state before the system configuration changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com