Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 116 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 116 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 112Page - SMSC Corporation FDC37M607 Datasheet HTML 113Page - SMSC Corporation FDC37M607 Datasheet HTML 114Page - SMSC Corporation FDC37M607 Datasheet HTML 115Page - SMSC Corporation FDC37M607 Datasheet HTML 116Page - SMSC Corporation FDC37M607 Datasheet HTML 117Page - SMSC Corporation FDC37M607 Datasheet HTML 118Page - SMSC Corporation FDC37M607 Datasheet HTML 119Page - SMSC Corporation FDC37M607 Datasheet HTML 120Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 182 page
background image
116
The FDC37M60x has four high-drive, open-drain
output, bidirectional port pins that can be used
for external serial interfaces, such as ISA
external
keyboard
and
PS/2-type
mouse
interfaces. They are KCLK, KDAT, MCLK, and
MDAT. P26 is inverted and output as KCLK. The
KCLK pin is connected to TEST0.
P27 is
inverted and output as KDAT. The KDAT pin is
connected to P10. P23 is inverted and output as
MCLK. The MCLK pin is connected to TEST1.
P22 is inverted and output as MDAT. The MDAT
pin is connected to P11. Note: External pull-ups
may be required.
KEYBOARD POWER MANAGEMENT
The keyboard provides support for two power-
saving modes: soft powerdown mode and hard
powerdown mode.
In soft powerdown mode,
the clock to the ALU is stopped but the
timer/counter and interrupts are still active. In
hard power down mode the clock to the 8042 is
stopped.
Soft Power Down Mode
This mode is entered by executing a HALT
instruction.
The execution of program code is
halted until either RESET is driven active or a
data byte is written to the DBBIN register by a
master CPU.
If this mode is exited using the
interrupt, and the IBF interrupt is enabled, then
program execution resumes with a CALL to the
interrupt routine, otherwise the next instruction
is executed. If it is exited using RESET then a
normal reset sequence is initiated and program
execution starts from program memory location
0.
Hard Power Down Mode
This mode is entered by executing a STOP
instruction.
The
oscillator
is
stopped
by
disabling the
oscillator
driver
cell.
When
either RESET is driven active or a data byte is
written to the DBBIN register by a master
CPU, this mode will be exited (as above).
However, as the oscillator cell will require an
initialization time, either RESET must be held
active for sufficient time to allow the oscillator to
stabilise.
Program execution will resume as
above.
INTERRUPTS
The
FDC37M60x
provides
the
two
8042
interrupts. IBF and the Timer/Counter Overflow.
MEMORY CONFIGURATIONS
The FDC37M60x provides 2K of on-chip ROM
and 256 bytes of on-chip RAM.
Register Definitions
Host I/F Data Register
The Input Data register and Output Data register
are each 8 bits wide. A write to this 8 bit register
will load the Keyboard Data Read Buffer, set the
OBF flag and set the KIRQ output if enabled. A
read of this register will read the data from the
Keyboard Data or Command Write Buffer and
clear the IBF flag. Refer to the KIRQ and Status
register descriptions for more information.
Host I/F Status Register
The Status register is 8 bits wide.
Table 50
shows the contents of the Status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com