Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 117 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 117 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 113Page - SMSC Corporation FDC37M607 Datasheet HTML 114Page - SMSC Corporation FDC37M607 Datasheet HTML 115Page - SMSC Corporation FDC37M607 Datasheet HTML 116Page - SMSC Corporation FDC37M607 Datasheet HTML 117Page - SMSC Corporation FDC37M607 Datasheet HTML 118Page - SMSC Corporation FDC37M607 Datasheet HTML 119Page - SMSC Corporation FDC37M607 Datasheet HTML 120Page - SMSC Corporation FDC37M607 Datasheet HTML 121Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 182 page
background image
117
Table 50 - Status Register
D7
D6
D5
D4
D3
D2
D1
D0
UD
UD
UD
UD
C/D
UD
IBF
OBF
Status Register
This register is cleared on a reset. This register
is read-only for the Host and read/write by the
FDC37M60x CPU.
UD Writable by FDC37M60x CPU. These bits
are user-definable.
C/D (Command
Data)
-
This
bit
specifies
whether the input data register contains data or
a command (0 = data, 1 = command). During a
host data/command write operation, this bit is
set to "1" if SA2 = 1 or reset to "0" if SA2 = 0.
IBF (Input Buffer Full) - This flag is set to “1”
whenever the host system writes data into the
input data register.
Setting this flag activates
the FDC37M60x CPU's nIBF (MIRQ) interrupt if
enabled. When the FDC37M60x CPU reads the
input
data
register
(DBB),
this
bit
is
automatically
reset
and
the
interrupt
is
cleared. There is no output pin associated with
this internal signal.
OBF
(Output Buffer Full) - This flag is set to
whenever the FDC37M60x CPU write to the
output data register (DBB).
When the host
system reads the output data register, this bit is
automatically reset.
EXTERNAL CLOCK SIGNAL
The FDC37M60x Keyboard Controller clock
source is a 12 MHz clock generated from a
14.318 MHz clock. The reset pulse must last for
at least 24 16 MHz clock periods. The pulse-
width requirement applies to both internally (Vcc
POR) and externally generated reset signals. In
powerdown mode, the external clock signal is
not loaded by the chip.
DEFAULT RESET CONDITIONS
The FDC37M60x has one source of reset: an
external reset via the RESET_DRV pin. Refer to
Table 51 for the effect of each type of reset on
the internal registers.
Table 51 - Resets
DESCRIPTION
HARDWARE RESET (RESET)
KCLK
Weak High
KDAT
Weak High
MCLK
Weak High
MDAT
Weak High
Host I/F Data Reg
N/A
Host I/F Status Reg
00H
N/A: Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com