Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 120 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 120 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 116Page - SMSC Corporation FDC37M607 Datasheet HTML 117Page - SMSC Corporation FDC37M607 Datasheet HTML 118Page - SMSC Corporation FDC37M607 Datasheet HTML 119Page - SMSC Corporation FDC37M607 Datasheet HTML 120Page - SMSC Corporation FDC37M607 Datasheet HTML 121Page - SMSC Corporation FDC37M607 Datasheet HTML 122Page - SMSC Corporation FDC37M607 Datasheet HTML 123Page - SMSC Corporation FDC37M607 Datasheet HTML 124Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 182 page
background image
120
Bit 1 of Port 92, the ALT_A20 signal, is used to
force nA20M to the CPU low for support of real
mode compatible software.
This signal is
externally OR’ed with the A20GATE signal from
the keyboard controller and CPURST to control
the nA20M input of the CPU. Writing a 0 to bit 1
of the Port 92 Register forces ALT_A20 low.
ALT_A20 low drives nA20M to the CPU low, if
A20GATE from the keyboard controller is also
low. Writing a 1 to bit 1 of the Port 92 Register
forces ALT_A20 high. ALT_A20 high drives
nA20M to the CPU high, regardless of the state
of A20GATE from the keyboard controller. Upon
reset, this signal is driven low.
8042 P12 and P16 Functions
8042 functions P12 and P16 are implemented
as in a true 8042 part. Reference the 8042 spec
for all timing.
A port signal of 0 drives the
output to 0. A port signal of 1 causes the port
enable signal to drive the output to 1 within 20-
30nsec. After several (# TBD) clocks, the port
enable goes away and the internal 90µA pull-up
maintains the output signal as 1.
In 8042 mode, the pins can be programmed as
open drain.
When programmed in open drain
mode, the port enables do not come into play. If
the port signal is 0 the output will be 0. If the
port signal is 1, the output tristates: an external
pull-up can pull the pin high. In 8042 mode, the
pins cannot be programmed as input nor
inverted through the GP configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com