| Electronic Components Datasheet Search |
|
FDC37M607 Datasheet(PDF) 123 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
FDC37M607 Datasheet(HTML) 123 Page - SMSC Corporation |
|
123 / 182 page ![]() 123 CONFIGURATION SEQUENCE To program the configuration registers, the following sequence must be followed: 1. Enter Configuration Mode 2. Configure the Configuration Registers 3. Exit Configuration Mode. Enter Configuration Mode To place the chip into the Configuration State the Config Key is sent to the chip's CONFIG PORT. The config key consists of 0x55 written to the CONFIG PORT. Once the configuration key is received correctly the chip enters into the Configuration State (The auto Config ports are enabled). Configuration Mode The system sets the logical device information and activates desired logical devices through the INDEX and DATA ports. In configuration mode, the INDEX PORT is located at the CONFIG PORT address and the DATA PORT is at INDEX PORT address + 1. The desired configuration registers are accessed in two steps: a. Write the index of the Logical Device Number Configuration Register (i.e., 0x07) to the INDEX PORT and then write the number of the desired logical device to the DATA PORT b. Write the address of the desired configuration register within the logical device to the INDEX PORT and then write or read the configuration register through the DATA PORT. Note: if accessing the Global Configuration Registers, step (a) is not required. Exit Configuration Mode To exit the Configuration State the system writes 0xAA to the CONFIG PORT. The chip returns to the RUN State. Note: Only two states are defined (Run and Configuration). In the Run State the chip will always be ready to enter the Configuration State. Programming Example The following is an example of a configuration program in Intel 8086 assembly language. ;----------------------------. ; ENTER CONFIGURATION MODE | ;----------------------------' MOV DX,3F0H MOV AX,055H OUT DX,AL ;----------------------------. ; CONFIGURE REGISTER CRE0, | ; LOGICAL DEVICE 8 | ;----------------------------' MOV DX,3F0H MOV AL,07H OUT DX,AL ; Point to nLD Config Reg MOV DX,3F1H MOV AL, 08H OUT DX,AL; Point to Logical Device 8 ; MOV DX,3F0H MOV AL,E0H OUT DX,AL ; Point to CRE0 MOV DX,3F1H MOV AL,02H OUT DX,AL ; Update CRE0 ;----------------------------. ; EXIT CONFIGURATION MODE | ;----------------------------' MOV DX,3F0H MOV AX,0AAH OUT DX,AL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |