Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 126 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 126 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 122Page - SMSC Corporation FDC37M607 Datasheet HTML 123Page - SMSC Corporation FDC37M607 Datasheet HTML 124Page - SMSC Corporation FDC37M607 Datasheet HTML 125Page - SMSC Corporation FDC37M607 Datasheet HTML 126Page - SMSC Corporation FDC37M607 Datasheet HTML 127Page - SMSC Corporation FDC37M607 Datasheet HTML 128Page - SMSC Corporation FDC37M607 Datasheet HTML 129Page - SMSC Corporation FDC37M607 Datasheet HTML 130Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 182 page
background image
126
Table 52 - Configuration Registers
INDEX
TYPE
HARD RESET
Vcc
POR
SOFT
RESET
CONFIGURATION REGISTER
LOGICAL DEVICE 8 CONFIGURATION REGISTERS (Aux I/O)
0x30
R/W
0x00
-
0x00
Activate
0xC0
R/W
0x06
-
-
Pin Multiplex Controls
0xC1
R/W
0x03
-
-
Force Disk Change
0xC2
R
-
-
-
Floppy Data Rate Select Shadow
0xC3
R
-
-
-
UART1 FIFO Control Shadow
0xC4
R
-
-
-
UART2 FIFO Control Shadow
0xF6:
FB
-
-
-
Reserved
LOGICAL DEVICE 9 CONFIGURATION REGISTERS (RESERVED)
Note1: This register contains some bits which are read or write only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com