Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 125 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 125 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 121Page - SMSC Corporation FDC37M607 Datasheet HTML 122Page - SMSC Corporation FDC37M607 Datasheet HTML 123Page - SMSC Corporation FDC37M607 Datasheet HTML 124Page - SMSC Corporation FDC37M607 Datasheet HTML 125Page - SMSC Corporation FDC37M607 Datasheet HTML 126Page - SMSC Corporation FDC37M607 Datasheet HTML 127Page - SMSC Corporation FDC37M607 Datasheet HTML 128Page - SMSC Corporation FDC37M607 Datasheet HTML 129Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 182 page
background image
125
Table 52 - Configuration Registers
INDEX
TYPE
HARD RESET
Vcc
POR
SOFT
RESET
CONFIGURATION REGISTER
LOGICAL DEVICE 1 CONFIGURATION REGISTERS (RESERVED)
LOGICAL DEVICE 2 CONFIGURATION REGISTERS (RESERVED)
LOGICAL DEVICE 3 CONFIGURATION REGISTERS (Parallel Port)
0x30
R/W
0x00
-
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
-
0x00,0
x00
Primary Base I/O Address
0x70
R/W
0x00
-
0x00
Primary Interrupt Select
0x74
R/W
0x04
-
0x04
DMA Channel Select
0xF0
R/W
0x3C
-
-
Parallel Port Mode Register
0xF1
R/W
0x00
-
-
Parallel Port Mode Register 2
LOGICAL DEVICE 4 CONFIGURATION REGISTERS (Serial Port 1)
0x30
R/W
0x00
-
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
-
0x00,0
x00
Primary Base I/O Address
0x70
R/W
0x00
-
0x00
Primary Interrupt Select
0xF0
R/W
0x00
-
-
Serial Port 1 Mode Register
LOGICAL DEVICE 5 CONFIGURATION REGISTERS (Serial Port 2)
0x30
R/W
0x00
-
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
-
0x00,0
x00
Primary Base I/O Address
0x70
R/W
0x00
-
0x00
Primary Interrupt Select
0x74
R/W
0x04
-
0x04
DMA Channel Select
0xF0
R/W
0x00
-
-
Serial Port 2 Mode Register
0xF1
R/W
0x02
-
-
IR Options Register
0xF2
R/W
0x03
-
-
IR Half Duplex Timeout
LOGICAL DEVICE 6 CONFIGURATION REGISTERS (RESERVED)
LOGICAL DEVICE 7 CONFIGURATION REGISTERS (Keyboard)
0x30
R/W
0x00
-
0x00
Activate
0x70
R/W
0x00
-
0x00
Primary Interrupt Select
0x72
R/W
0x00
-
0x00
Second Interrupt Select
0xF0
R/W
0x00
-
KRESET and GateA20 Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com