Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 127 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 127 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 123Page - SMSC Corporation FDC37M607 Datasheet HTML 124Page - SMSC Corporation FDC37M607 Datasheet HTML 125Page - SMSC Corporation FDC37M607 Datasheet HTML 126Page - SMSC Corporation FDC37M607 Datasheet HTML 127Page - SMSC Corporation FDC37M607 Datasheet HTML 128Page - SMSC Corporation FDC37M607 Datasheet HTML 129Page - SMSC Corporation FDC37M607 Datasheet HTML 130Page - SMSC Corporation FDC37M607 Datasheet HTML 131Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 182 page
background image
127
Chip Level (Global) Control/Configuration
Registers[0x00-0x2F]
The chip-level (global) registers lie in the
address range [0x00-0x2F]. The design MUST
use all 8 bits of the ADDRESS Port for register
selection. All unimplemented registers and bits
ignore writes and return zero when read.
The
INDEX
PORT
is
used
to
select
a
configuration register in the chip.
The DATA
PORT
is then used to access the selected
register. These registers are accessable only in
the Configuration Mode.
Table 53 - Chip Level Registers
REGISTER
ADDRESS
DESCRIPTION
STATE
Chip (Global) Control Registers
0x00 -
0x01
Reserved - Writes are ignored, reads return 0.
Config Control
Default = 0x00
on Vcc POR or
Reset_Drv
0x02 W
The hardware automatically clears this bit after the
write, there is no need for software to clear the bits.
Bit 0 = 1: Soft Reset. Refer to the "Configuration
Registers" table for the soft reset value for each
register.
C
0x03 - 0x06
Reserved - Writes are ignored, reads return 0.
Logical Device #
Default = 0x00
on Vcc POR or
Reset_Drv
0x07 R/W
A write to this register selects the current logical
device.
This allows access to the control and
configuration registers for each logical device.
Note: the Activate command operates only on the
selected logical device.
C
Card Level
Reserved
0x08 - 0x1F
Reserved - Writes are ignored, reads return 0.
Chip Level, SMSC Defined
Device ID
Hard wired
= 0x47
0x20 R
A
read
only
register
which
provides
device
identification. Bits[7:0] = 0x47 when read.
C
Device Rev
Hard wired
= Current Revision
0x21 R
A read only register which provides device revision
information. Bits[7:0] = 0x00 when read.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com