Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 130 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 130 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 126Page - SMSC Corporation FDC37M607 Datasheet HTML 127Page - SMSC Corporation FDC37M607 Datasheet HTML 128Page - SMSC Corporation FDC37M607 Datasheet HTML 129Page - SMSC Corporation FDC37M607 Datasheet HTML 130Page - SMSC Corporation FDC37M607 Datasheet HTML 131Page - SMSC Corporation FDC37M607 Datasheet HTML 132Page - SMSC Corporation FDC37M607 Datasheet HTML 133Page - SMSC Corporation FDC37M607 Datasheet HTML 134Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 182 page
background image
130
Table 54 - Chip Level Registers
REGISTER
ADDRESS
DESCRIPTION
STATE
TEST 4
Default = 0x00, on
Vcc POR
0x2B R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired
results.
C
TEST 5
Default = 0x00, on
Vcc POR
0x2C R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired
results.
C
TEST 1
Default = 0x00, on
Vcc POR
0x2D R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired
results.
C
TEST 2
Default = 0x00, on
Vcc POR
0x2E R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired
results.
C
TEST 3
Default = 0x00, on
Vcc POR
0x2F R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired
results.
C
Note 1: To allow the selection of the configuration address to a user defined location, these
Configuration Address Bytes are used. There is no restriction on the address chosen, except that A0
is 0, that is, the address must be on an even byte boundary. As soon as both bytes are changed, the
configuration space is moved to the specified location with no delay (Note: Write byte 0, then byte 1;
writing CR27 changes the base address).
The configuration address is only reset to its default address upon a Hard Reset or Vcc POR.
Note: The default configuration address is either 3F0 or 370, as specified by the SYSOPT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com