Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 122 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 122 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 118Page - SMSC Corporation FDC37M607 Datasheet HTML 119Page - SMSC Corporation FDC37M607 Datasheet HTML 120Page - SMSC Corporation FDC37M607 Datasheet HTML 121Page - SMSC Corporation FDC37M607 Datasheet HTML 122Page - SMSC Corporation FDC37M607 Datasheet HTML 123Page - SMSC Corporation FDC37M607 Datasheet HTML 124Page - SMSC Corporation FDC37M607 Datasheet HTML 125Page - SMSC Corporation FDC37M607 Datasheet HTML 126Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 182 page
background image
122
CONFIGURATION
The Configuration of the FDC37M60x is very
flexible and is based on the configuration
architecture implemented in typical Plug-and-
Play components. The FDC37M60x is designed
for
motherboard
applications
in
which
the
resources required by their components are
known.
With its flexible resource allocation
architecture, the FDC37M60x allows the BIOS to
assign resources at POST.
SYSTEM ELEMENTS
Primary Configuration Address Decoder
After a hard reset (RESET_DRV pin asserted) or
Vcc Power On Reset the FDC37M60x is in the
Run Mode with all logical devices disabled. The
logical devices may be configured through two
standard Configuration I/O Ports (INDEX and
DATA)
by
placing
the FDC37M60x into
Configuration Mode.
The BIOS uses these
configuration
ports
to
initialize
the
logical
devices at POST. The INDEX and DATA ports
are only valid when the FDC37M60x is in
Configuration Mode.
The SYSOPT pin is latched on the falling edge
of the RESET_DRV or on Vcc Power On Reset
to determine the configuration register's base
address. The SYSOPT pin is used to select the
CONFIG
PORT's
I/O address at power-up.
Once powered up the configuration port base
address can be changed through configuration
registers CR26 and CR27. The SYSOPT pin
is a hardware configuration pin which is
shared with the nRTS1 signal on pin 87.
During reset this pin is a weak active low signal
which sinks 30µA. Note: All I/O addresses are
qualified with AEN.
The INDEX and DATA ports are effective only
when the chip is in the Configuration State.
PORT NAME
SYSOPT= 0
(PULL-DOWN RESISTOR)
REFER TO NOTE 1
SYSOPT= 1
(10K PULL-UP
RESISTOR)
TYPE
CONFIG PORT (Note 2)
0x03F0
0x0370
Write
INDEX PORT (Note 2)
0x03F0
0x0370
Read/Write
DATA PORT
INDEX PORT + 1
Read/Write
Note 1: If using TTL RS232 drivers use 1K pull-down. If using CMOS RS232 drivers use 10K
pull-down.
Note 2: The configuration port base address can be relocated through CR26 and CR27.
Entering the Configuration State
The device enters the Configuration State when
the following Config Key is successfully written
to the CONFIG PORT.
Config Key = < 0x55 >
Exiting the Configuration State
The device exits the Configuration State when
the following Config Key is successfully written
to the CONFIG PORT.
Config Key = < 0xAA>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com