Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 119 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 119 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 115Page - SMSC Corporation FDC37M607 Datasheet HTML 116Page - SMSC Corporation FDC37M607 Datasheet HTML 117Page - SMSC Corporation FDC37M607 Datasheet HTML 118Page - SMSC Corporation FDC37M607 Datasheet HTML 119Page - SMSC Corporation FDC37M607 Datasheet HTML 120Page - SMSC Corporation FDC37M607 Datasheet HTML 121Page - SMSC Corporation FDC37M607 Datasheet HTML 122Page - SMSC Corporation FDC37M607 Datasheet HTML 123Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 182 page
background image
119
Bit 0 of Port 92, which generates the nALT_RST
signal, is used to reset the CPU under program
control.
This
signal
is
AND’ed
together
externally with the reset signal (nKBDRST) from
the keyboard controller to provide a software
means of resetting the CPU.
This provides a
faster means of reset than is provided by the
keyboard controller. Writing a 1 to bit 0 in the
Port 92 Register causes this signal to pulse low
for a minimum of 6µs, after a delay of a
minimum of 14µs. Before another nALT_RST
pulse can be generated, bit 0 must be set to 0
either by a system reset of a write to Port 92.
Upon reset, this signal is driven inactive high (bit
0 in the Port 92 Register is set to 0).
If Port 92 is enabled, i.e., bit 2 of KRST_GA20 is
set to 1, then a pulse is generated by writing a 1
to bit 0 of the Port 92 Register and this pulse is
AND’ed with the pulse generated from the 8042.
This pulse is output on pin KRESET and its
polarity is controlled by the GPI/O polarity
configuration.
8042
P92
Pulse
Gen
KBDRST
KRST_GA20
Bit 2
Bit 0
P20
KRST
nALT_RST
6us
14us
6us
14us
Note: When Port 92 is disabled,
writes are ignored and reads
return undefined values.
KRESET Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com