| Electronic Components Datasheet Search |
|
FDC37M607 Datasheet(PDF) 114 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
FDC37M607 Datasheet(HTML) 114 Page - SMSC Corporation |
|
114 / 182 page ![]() 114 KEYBOARD ISA INTERFACE The FDC37M60x ISA interface is functionally compatible with the 8042 style host interface. It consists of the D0-7 data bus; the nIOR, nIOW and the Status register, Input Data register, and Output Data register. Table 48 shows how the interface decodes the control signals. In addition to the above signals, the host interface includes keyboard and mouse IRQs. Table 48 - ISA I/O Address Map ISA ADDRESS nIOW nIOR BLOCK FUNCTION (NOTE 1) 0x60 0 1 KDATA Keyboard Data Write (C/D=0) 1 0 KDATA Keyboard Data Read 0x64 0 1 KDCTL Keyboard Command Write (C/D=1) 1 0 KDCTL Keyboard Status Read Note 1: These registers consist of three separate 8 bit registers. Status, Data/Command Write and Data Read. Keyboard Data Write This is an 8 bit write only register. When written, the C/D status bit of the status register is cleared to zero and the IBF bit is set. Keyboard Data Read This is an 8 bit read only register. If enabled by "ENABLE FLAGS", when read, the KIRQ output is cleared and the OBF flag in the status register is cleared. If not enabled, the KIRQ and/or AUXOBF1 must be cleared in software. Keyboard Command Write This is an 8 bit write only register. When written, the C/D status bit of the status register is set to one and the IBF bit is set. Keyboard Status Read This is an 8 bit read only register. Refer to the description of the Status Register for more information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |